Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT972ALC Datasheet(PDF) 22 Page - Intel Corporation

Part # LXT972ALC
Description  3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT972ALC Datasheet(HTML) 22 Page - Intel Corporation

Back Button LXT972ALC Datasheet HTML 18Page - Intel Corporation LXT972ALC Datasheet HTML 19Page - Intel Corporation LXT972ALC Datasheet HTML 20Page - Intel Corporation LXT972ALC Datasheet HTML 21Page - Intel Corporation LXT972ALC Datasheet HTML 22Page - Intel Corporation LXT972ALC Datasheet HTML 23Page - Intel Corporation LXT972ALC Datasheet HTML 24Page - Intel Corporation LXT972ALC Datasheet HTML 25Page - Intel Corporation LXT972ALC Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
LXT972A — 3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
22
Datasheet
3.4.3
Reduced Power Modes
The LXT972A offers two power-down modes.
3.4.3.1
Hardware Power Down
The hardware power-down mode is controlled by the PWRDWN pin. When PWRDWN is High,
the following conditions are true:
• The LXT972A network port and clock are shut down.
• All outputs are tri-stated.
• All weak pad pull-up and pull-down resistors are disabled.
• The MDIO registers are not accessible.
3.4.3.2
Software Power Down
Software power-down control is provided by bit 0.11 in the Control Register (refer to Table 37 on
page 58). During soft power-down, the following conditions are true:
• The network port is shut down.
• The MDIO registers remain accessible.
Figure 6. Initialization Sequence
MDDIS Voltage
Level?
High
Low
MDIO Control
Mode
Hardware Control
Mode
Disable MDIO Read and
Write Operations
Reset MDIO Registers to
values read at H/W
Control Interface at last
Hardware Reset
MDIO Controlled Operation
(MDIO Writes Enabled)
Power-up or Reset
Initialize MDIO Registers
Read H/W Control
Interface
Software
Reset?
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com