Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT533F Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT533F
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT533F Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54FCT533F Datasheet HTML 1Page - National Semiconductor (TI) 54FCT533F Datasheet HTML 2Page - National Semiconductor (TI) 54FCT533F Datasheet HTML 3Page - National Semiconductor (TI) 54FCT533F Datasheet HTML 4Page - National Semiconductor (TI) 54FCT533F Datasheet HTML 5Page - National Semiconductor (TI) 54FCT533F Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
54FCT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 4)
C
L = 50 pF
Min
Max
t
PHL,tPLH
Propagation Delay
5.0
1.5
12.0
ns
D
n to On
t
PHL,tPLH
Propagation Delay
5.0
2.0
14.0
ns
LE to O
n
t
PZL,tPZH
Output Enable Time
5.0
1.5
12.5
ns
t
PHZ,tPLZ
Output Disable Time
5.0
1.5
8.5
ns
Note 4: Voltage Range 5.0 is 5.0V ±0.5V.
AC Operating Requirements
54FCT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 5)
C
L = 50 pF
Guaranteed Minimum
t
S
Setup Time, HIGH or LOW
5.0
2.0
ns
D
n to LE
t
H
Hold Time, HIGH or LOW
5.0
3.0
ns
D
n to LE
t
W
LE Pulse Width, HIGH
5.0
6.0
ns
Note 5: Voltage Range 5.0 is 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
10
pF
V
CC = OPEN
C
PD
Power Dissipation
40
pF
V
CC = 5.0V
Capacitance
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com