Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243E Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3243E
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243E Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3243E Datasheet HTML 6Page - Sipex Corporation SP3243E Datasheet HTML 7Page - Sipex Corporation SP3243E Datasheet HTML 8Page - Sipex Corporation SP3243E Datasheet HTML 9Page - Sipex Corporation SP3243E Datasheet HTML 10Page - Sipex Corporation SP3243E Datasheet HTML 11Page - Sipex Corporation SP3243E Datasheet HTML 12Page - Sipex Corporation SP3243E Datasheet HTML 13Page - Sipex Corporation SP3243E Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
14
Model
Temperature Range
Package Types
SP3249ECA
0
°C to +70°C
24-pin SSOP
SP3249ECY
0
°C to +70°C
24-pin TSSOP
SP3249EEA
-40
°C to +85°C
24-pin SSOP
SP3249EEY
-40
°C to +85°C
24 -pin TSSOP
ORDERING INFORMATION
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com