Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCEC1308 Datasheet(PDF) 1 Page - Allied Components International

Part # PCEC1308
Description  SMD POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCEC1308 Datasheet(HTML) 1 Page - Allied Components International

  PCEC1308 Datasheet HTML 1Page - Allied Components International PCEC1308 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCEC1308
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Dimensions: mm
REVISED 02/29/16
220M
Allied
Top View
Bottom View
13.40 Max
Front View
Rear View
G-500
6020H-4 BLK
All specifications subject to change without notice.
o
Electrical Specificat ions @25 C
Inductance
@100 KHz,0.1V
22.0uH ± 20%
DC
Resistance
21.0mΩ ± 12%
R (1 - 2)
(7.5A)
L0A ( 1 - 2)
Isat
2.30±0.30
2.20±0.30
1.30 Ref
1.60 Min
8.20 Ref
SMD POWER INDUCTOR
Suggested Land Pattern
5.00
3.50
5.00
4.00
8.20
10.00
3 Surfaces
Operating Temperature -40º to +130ºC
47.0uH ± 20%
Part
Number
PCEC1308-220M
PCEC1308-470M
(1.5A)
12.5mΩ ± 20%
Other values available
For Frequencies up to 1MHZ
Compact foot print
Ferrite Core construction
Isat: Current at which Inductance will drop by
no more than 30% of initial inductance without
current


Similar Part No. - PCEC1308

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCEC1308-220M ALLIED-PCEC1308-220M Datasheet
1Mb / 2P
SMD POWER INDUCTOR
More results

Similar Description - PCEC1308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com