Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4007 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4007
Description  Dual Complementary Pair Plus Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4007 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4007 Datasheet HTML 1Page - National Semiconductor (TI) CD4007 Datasheet HTML 2Page - National Semiconductor (TI) CD4007 Datasheet HTML 3Page - National Semiconductor (TI) CD4007 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSS b03V to VDD a03V
Operating Temperature Range
CD4007M
b
55 Cto a125 C
CD4007C
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VDD Range
VSS a30V to VSS a15V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics CD4007M
Limits
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Typ Max
Min
Typ
Max
Min
Typ Max
IL
Quiescent Device
VDD e 50V
005
0001 005
30
m
A
Current
VDD e 10V
01
0001 01
60
m
A
PD
Quiescent Device
VDD e 50V
025
0005 025
15
m
W
Dissipation Package VDD e 10V
10
0001 10
60
m
W
VOL
Output Voltage
VDD e 50V
005
0
005
005
V
Low Level
VDD e 10V
005
0
005
005
V
VOH
Output Voltage
VDD e 50V
495
495
50
495
V
High Level
VDD e 10V
995
995
10
995
V
VNL
Noise Immunity
VDD e 50V VO e 36V
15
225
15
14
V
(All Inputs)
VDD e 10V VO e 72V
30
45
30
29
V
VNH
Noise Immunity
VDD e 50V VO e 095V
36
35
225
35
V
(All Inputs)
VDD e 10V VO e 29V
71
70
45
70
V
IDN
Output Drive Current VDD e 50V VO e 04V VI e VDD
075
06
10
04
mA
N-Channel
VDD e 10V VO e 05V VI e VDD
16
13
25
095
mA
IDP
Output Drive Current VDD e 50V VO e 25V VI e VSS b175
b
14 b40
b
10
mA
P-Channel
VDD e 10V VO e 95V VI e VSS b135
b
11 b25
b
075
mA
II
Input Current
10
pA
DC Electrical Characteristics CD4007C
Limits
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Typ Max
Min
Typ
Max
Min
Typ Max
IL
Quiescent Device
VDD e 50V
05
0005 005
15
m
A
Current
VDD e 10V
10
0005 10
30
m
A
PD
Quiescent Device
VDD e 50V
25
0025 25
75
m
W
Dissipation Package VDD e 10V
10
005
10
300
m
W
VOL
Output Voltage
VDD e 50V
005
0
001
005
V
Low Level
VDD e 10V
005
0
001
005
V
VOH
Output Voltage
VDD e 50V
495
495
50
495
V
High Level
VDD e 10V
995
995
10
995
V
VNL
Noise Immunity
VDD e 50V VO e 36V
15
225
15
14
V
(All inputs)
VDD e 10V VO e 72V
30
45
30
29
V
VNH
Noise Immunity
VDD e 50V VO e 095V
36
35
225
35
V
(All Inputs)
VDD e 10V VO e 29V
71
70
45
70
V
IDN
Output Drive Current VDD e 50V VO e 04V VI e VDD 035
03
10
024
mA
N-Channel
VDD e 10V VO e 05V VI e VDD
12
10
25
08
mA
IDP
Output Drive Current VDD e 50V VO e 25V VI e VSS b13
b
11
b
40
b
09
mA
P-Channel
VDD e 10V VO e 95V VI e VSS b065
b
055 b25
b
045
mA
II
Input Current
10
pA
Note 1
This device should not be connected to circuits with the power on because high transient voltages may cause permanent damage
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com