Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LCX245 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LCX245
Description  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LCX245 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LCX245 Datasheet HTML 1Page - National Semiconductor (TI) 54LCX245 Datasheet HTML 2Page - National Semiconductor (TI) 54LCX245 Datasheet HTML 3Page - National Semiconductor (TI) 54LCX245 Datasheet HTML 4Page - National Semiconductor (TI) 54LCX245 Datasheet HTML 5Page - National Semiconductor (TI) 54LCX245 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54LCX245
Low Voltage Bidirectional Transceiver with 5V Tolerant
Inputs and Outputs
General Description
The LCX245 contains eight non-inverting bidirectional buff-
ers with TRI-STATE™ outputs and is intended for bus ori-
ented applications. The device is designed for low voltage
(3.3V) V
CC applications with capability of interfacing to a 5V
signal environment. The T/R input determines the direction
of data flow through the device. The OE input disables both
the A and B ports by placing them in a high impedance state.
The LCX245 is fabricated with an advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
n 5V tolerant inputs and outputs
n 9ns tPD max, 10µA ICCQ max
n Power down high impedance inputs and outputs
n Supports live insertion/withdrawal
n 2.0V–3.6V VCC supply operation
n ±24 mA output drive
n Implements patented noise/EMI reduction circuitry
n Functionally compatible with the 54 series 245
n ESD performance:
Human body model > 2000V
Machine model > 200V
n Standard Microcircuit Drawing (SMD) 5962-97543
Logic Symbols
Pin Descriptions
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A
0–A7
Side A Inputs or 3-STATE Outputs
B
0–B7
Side B Inputs or 3-STATE Outputs
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101022-1
Pin Assignment
for DIP and Cerpack
DS101022-3
Pin Assignment
for LCC
DS101022-6
December 1998
© 1998 National Semiconductor Corporation
DS101022
www.national.com


Similar Part No. - 54LCX245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LCX16244 NSC-54LCX16244 Datasheet
77Kb / 5P
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
54LCX16244W-QML NSC-54LCX16244W-QML Datasheet
77Kb / 5P
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
54LCX16373W-QML NSC-54LCX16373W-QML Datasheet
106Kb / 5P
Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
54LCX16374 NSC-54LCX16374 Datasheet
91Kb / 5P
Low Voltage 16-Bit D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Similar Description - 54LCX245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com