Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS96C Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS96C
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS96C Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS96C Datasheet HTML 1Page - Vectron International, Inc TFS96C Datasheet HTML 2Page - Vectron International, Inc TFS96C Datasheet HTML 3Page - Vectron International, Inc TFS96C Datasheet HTML 4Page - Vectron International, Inc TFS96C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: TFS96C.doc
Version 1.2
20.05.2011
Vectron International
Filter specification
TFS 96C
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
989,93
Ω || -12,44 pF
Output:
1063,97
Ω || - 11,96 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS96C is the minimum of the pass band attenuation. This value is defined as the insertion loss ae.
The nominal frequency fN is fixed at 96.585MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. Value
tolerance / limit
Insertion loss
ae
6,3
max.
9
dB
(reference level)
Nominal frequency
fN
-
96,585
MHz
Passband
PB
MHz
fN
±
0,2
MHz
Amplitude ripple within fN… fN ± 0,2 MHz p-p
0,43
dB
max.
1
dB
Bandwidth
BW
1
dB
0,46
MHz
min.
0,4
MHz
10
dB
0,55
MHz
max.
0,6
MHz
Relative attenuation
arel
fN
... fN
±
0,2
MHz
0,43
dB
max.
1
dB
fN
±
0,3
MHz ... fN
±
0,6
MHz
16
dB
min.
10
dB
fN
±
0,6
MHz ... fN
±
3,5
MHz
32
dB
min.
30
dB
fN
±
3,5
MHz ... fN
±
10,0
MHz
55
dB
min.
40
dB
fN
±
10,0
MHz ... fN
±
50,0
MHz
60
dB
min.
50
dB
Group delay ripple within fN… fN ± 0,2
MHz
p-p
1907
max.
4000
ns
Return loss within PB
13
min.
10
dB
Input power level
-
max.
10
dBm
Mass
4,3
max.
5
g
Operating temperature range
OTR
- 20 °C ... + 70 °C
Storage temperature range
- 40 °C ... + 125 °C
Temperature coefficient of frequency
TCf **
-0,04
ppm/K
2
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
f(Hz) = TCf(ppm/K2) x (T-T0)2 x fcat(MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS96C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS96B VECTRON-TFS96B Datasheet
152Kb / 5P
Filter specification
More results

Similar Description - TFS96C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
TFS110K2 VECTRON-TFS110K2 Datasheet
191Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com