Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS844 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS844
Description  ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS844 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS844 Datasheet HTML 1Page - Linear Integrated Systems LS844 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201144 04/07/2014 Rev#A12 ECN# LS843 LS844 LS845
FEATURES
ULTRA LOW NOISE
en=3nV/Hz TYP.
LOW LEAKAGE
IG=15pA TYPs.
LOW DRIFT
I VGS1-2/TI=5µV/ºC max.
ULTRA LOW OFFSET VOLTAGE
IVGS1-2I=1mV max.
ABSOLUTE MAXIMUM RATINGS1
@ 25°C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-55º to +150°C
Operating Junction Temperature
-55º to +150°C
Maximum Voltage and Current for Each Transistor1
-VGSS
Gate Voltage to Drain or Source 60V
IG(f)
Gate Forward Current
50mA
Maximum Power Dissipation2
Device Dissipation2 @ Free Air - Total
400mW TA=+25°C
ELECTRICAL CHARACTERISTICS @ 25ºC (unless otherwise noted)
SYMBOL
CHARACTERISTIC
LS843 LS844 LS845 UNITS
CONDITIONS
I VGS1-2 / TI max.
Drift vs. Temperature
5
10
25
µV/ºC
VDG= 10V
ID= 500µA
TA= -55ºC to +125ºC
IVGS1-2I max.
Offset Voltage
1
5
15
mV
VGS= 10V
ID= 500µA
SYMBOL
CHARACTERISTIC3
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BVGSS
Breakdown Voltage
-60
--
--
V
VDS= 0
ID= -1nA
BVGGO
Gate-to-Gate Breakdown
±60
--
--
V
IGGO= ±1µA ID= 0
IS= 0
TRANSCONDUCTANCE
Gfss
Full Conduction
1500
--
--
µS
VDS= 15V
VGS= 0
f = 1kHz
Gfs
Typical Conduction
1000
1500
--
µS
VDS= 15V
ID= 500µA
│Gfs1-2/Gfs1│
Mismatch
--
0.6
3
%
DRAIN CURRENT
VDS= 15V
VGS= 0
IDSS
Full Conduction
1.5
5
15
mA
│IDSS1-2/IDSS│
Mismatch at Full Conduction
--
1
5
%
GATE VOLTAGE
VGS(off)
Pinchoff Voltage
-1
--
-3.5
V
VDS= 15V
ID= 1nA
VGS
Operating Range
-0.5
--
-3.5
V
VDS= 15V
ID= 500µA
GATE CURRENT
-IG
Operating
--
15
50
pA
VDG= 15V
ID= 500µA
-IG
High Temperature
--
--
50
nA
VDG= 15V
ID= 500µA TA=+125ºC
-IG
Reduced VDG
--
5
30
pA
VDG= 3V
ID= 500µA
-IGSS
At Full Conduction
--
--
100
pA
VGS= 15V
VGS= 0
LS843 LS844 LS845
ULTRA LOW NOISE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL
JFET AMPLIFIER


Similar Part No. - LS844

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS844 LINEAR-LS844 Datasheet
32Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS844 MICROSS-LS844 Datasheet
283Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS844_PDIP MICROSS-LS844_PDIP Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS844_SOIC MICROSS-LS844_SOIC Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS844_SOT-23 MICROSS-LS844_SOT-23 Datasheet
281Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
More results

Similar Description - LS844

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS843-5 LINEAR-LS843-5 Datasheet
32Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N5905 MICROSS-2N5905 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com