Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS5906 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS5906
Description  LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5906 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS5906 Datasheet HTML 1Page - Linear Integrated Systems LS5906 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201131 05/15/2014 Rev#A9 ECN# LS5905 LS5906 LS5907 LS5908 LS5909
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
OUTPUT CONDUCTANCE
goss
Full Conduction
--
--
5
µS
VDG= 10V VGS= 0
gos
Operating
--
0.1
--
µS
VDG= 10V ID= 30µA
│gos1-2
Differential
--
0.01
0.2
µS
COMMON MODE REJECTION
CMRR
-
20 log │ΔVGS1-2/ΔVDS
--
90
--
dB
ΔVDS= 10 to 20V
ID=30µA
CMRR
-
20 log │ΔVGS1-2/ΔVDS
--
90
--
dB
ΔVDS= 5 to 10V
ID=30µA
NOISE
NF
Figure
--
--
1
dB
VDS= 10V VGS= 0
RG
=10MΩ
f= 100Hz NBW=6Hz
en
Voltage
--
20
70
nV/√Hz
VDS= 10V ID= 30µA
f= 10Hz
NBW=1Hz
CAPACITANCE
CISS
Input
--
--
3
pF
VDS= 10V VGS= 0
f= 1MHz
CRSS
Reverse Transfer
--
--
1.5
pF
VDS= 10V VGS= 0
f= 1MHz
CDD
Drain-to-Drain
--
--
0.1
pF
VDG= 20V ID= 30µA f= 1MHz
TO-71
TO-78
P-DIP
SOIC
Note: All Dimensions in inches
G2
SS
D2
S2
S1
D1
SS
G1
S1
D1
SS
G1
G2
SS
D2
S2
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2. Derate 4mWºC above 25ºC
3. Assume smaller value in the numerator.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
NOTES:
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com