Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS400-2000 Datasheet(PDF) 2 Page - SICK AG

Part # LMS400-2000
Description  2D LASER SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LMS400-2000 Datasheet(HTML) 2 Page - SICK AG

  LMS400-2000 Datasheet HTML 1Page - SICK AG LMS400-2000 Datasheet HTML 2Page - SICK AG LMS400-2000 Datasheet HTML 3Page - SICK AG LMS400-2000 Datasheet HTML 4Page - SICK AG LMS400-2000 Datasheet HTML 5Page - SICK AG LMS400-2000 Datasheet HTML 6Page - SICK AG LMS400-2000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LMS400-2000 | LMS4xx
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-24 16:08:09
Subject to change without notice
Ordering information
Type
Part no.
LMS400-2000
1041725
Other models and accessories
www.sick.com/LMS4xx
Detailed technical data
Features
Version
Short Range
Field of application
Indoor
Reading field
Front
Light source
Visible red light (650 nm)
Laser class
2, in standby mode laser class 1 according to IEC60825-1:2007
Aperture angle
70°
Scanning frequency
270 Hz ... 500 Hz
Angular resolution
0.1° ... 1.0°, configurable
Operating range
0.7 m ... 3 m
Max. range with 10 % reflectivity
3 m
Performance
Response time
≥ 2 ms
Detectable object shape
Almost any
Systematic error
± 4 mm 1)
Statistical error
± 3 mm
± 10 mm 1)
Integrated application
Level Control
1) Typical value; actual value depends on environmental conditions.
Interfaces
Serial (RS-232)
✔
Function Host, AUX
Ethernet
✔
Function Host
Data transmission rate 10 Mbit, half-duplex
Protocol TCP/IP
Switching inputs
4
Switching outputs
5 (4 x PNP / analog 1 x 4 mA ... 20 mA)
Optical indicators
6 LEDs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com