Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4069UB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 4069UB
Description  Inverter Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

4069UB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  4069UB Datasheet HTML 1Page - National Semiconductor (TI) 4069UB Datasheet HTML 2Page - National Semiconductor (TI) 4069UB Datasheet HTML 3Page - National Semiconductor (TI) 4069UB Datasheet HTML 4Page - National Semiconductor (TI) 4069UB Datasheet HTML 5Page - National Semiconductor (TI) 4069UB Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5975
February 1988
CD4069UBMCD4069UBC Inverter Circuits
General Description
The CD4069UB consists of six inverter circuits and is manu-
factured using complementary MOS (CMOS) to achieve
wide power supply operating range low power consump-
tion high noise immunity and symmetric controlled rise and
fall times
This device is intended for all general purpose inverter appli-
cations where the special characteristics of the MM74C901
MM74C903 MM74C907 and CD4049A Hex InverterBuff-
ers are not required In those applications requiring larger
noise immunity the MM74C14 or MM74C914 Hex Schmitt
Trigger is suggested
All inputs are protected from damage due to static dis-
charge by diode clamps to VDD and VSS
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD typ
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Equivalent to MM54C04MM74C04
Schematic and Connection Diagram
TLF5975 – 1
Dual-In-Line Package
TLF5975 – 2
Order Number CD4069UB
AC Test Circuits and Switching Time Waveforms
TLF5975 – 3
TLF5975 – 4
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 4069UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
4069UB ONSEMI-4069UB Datasheet
171Kb / 8P
Hex Inverter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
4069UB PHILIPS-4069UB Datasheet
116Kb / 7P
Hex inverter
January 1995
logo
STMicroelectronics
4069UB STMICROELECTRONICS-4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
4069UB TI-4069UB Datasheet
229Kb / 4P
CMOS HEX IVVERTER
logo
Rohm
4069UB ROHM-4069UB Datasheet
48Kb / 4P
Hex inverter
More results

Similar Description - 4069UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
Inverter Circuits
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
Inverter Circuits
logo
Toshiba Semiconductor
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
Unisonic Technologies
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069 UTC-CD4069_15 Datasheet
286Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
INVERTER CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com