Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS227AS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IQS227AS
Description  Single Channel Capacitive Proximity/Touch Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS227AS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IQS227AS Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 13Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 14Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 15Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 16Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS227AS Datasheet
Page 13 of 31
All rights reserved
Revision 1.05
October 2015
Configuration: Bank0 bit4-2
TTHR2:TTHR0: Touch Thresholds
Bit
Selection
000
72/256
001
8/256 (Most sensitive)
010
24/256
011
48/256
100
96/256
101
128/256
110
160/256
111
192/256 (Least sensitive)
6.6 Power Modes
The IQS227AS has four power modes
specifically
designed
to
reduce
current
consumption for battery applications.
The power modes are basically implemented
around the occurrence of charge cycle every
tSAMPLE seconds (refer to Table 6.1). The
fewer charge transfer cycles that need to
occur per second the lower the power
consumption (but decreased response time).
During Boost Power Mode (BP), charge
cycles are initiated approximately every 9ms.
While in any power mode the device will zoom
to BP whenever an existing count sample (CS)
indicates a possible proximity or touch event.
The device will remain in BP for tZOOM seconds
and then return to the selected power mode.
The Zoom function allows reliable detection of
events with counts being produced at the BP
rate.
Table 6.1
Power Mode configuration:
Bank2 bit1-0
Bit
Power Mode timing
tSAMPLE (ms)
00
tBP (default)
BP (9ms)
01
tNP
128
10
tLP1
256
11
tLP2
512
CX
Zoom to Boost Mode after proximity detected
Charge Cycle
Duration = tCHARGE
tSAMPLE
tSAMPLE
Figure 6.4
LP Modes: Charge cycles
6.7
Base Values
The sensitivity of the IQS227AS can be
changed by adjusting the base value of the
ATI algorithm, and as a result changing the
compensation required to reach the target.
�������������������������������������������� =
������������������������
����������������
The target of the IQS227AS is fixed at 1000
counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com