Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS228AS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IQS228AS
Description  Single Channel Capacitive Proximity/Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS228AS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IQS228AS Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
IQ Switch
® ProxSense® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS228AS Datasheet
Page 4 of 30
All rights reserved
Revision 1.05
October 2015
1
Overview
1.1 Device
The
IQS228AS
is
a
single
channel
capacitive proximity and touch device which
employs an internal voltage regulator and
reference capacitor (Cs).
The IQS228AS device has a dedicated
pin(s) for the connection of a sense
electrode(s) (Cx) and output pin(s) for
proximity and touch events on OUT. The
polarity
of
the
output
pins
can
be
configured.
A
1-wire
open
drain
data
streaming protocol OR I
2C interface is
implemented for debugging purposes.
Special device configuration can be done
by setting one time programmable (OTP)
options.
The
device
automatically
tracks
slow
varying environmental changes via various
signal processing algorithms and has an
Automatic
Tuning
Implementation
(ATI)
algorithm to calibrate the device to the
sense electrode.
DYCAL™ (Dynamic Calibration) is a
special form of hysteresis that can track
slow varying environmental change even
while the sensor is in a touch state. This is
ideal for portable applications.
The charge transfer method of capacitive
sensing is employed on the IQS228AS.
(The charge transfer principle is thoroughly
described in the application note:
“AZD004
-
Azoteq Capacitive Sensing”.)
1.2
Operation
The device has been designed to be used
in applications where proximity is required
and touch conditions can prevail for an
extended period of time which may result in
uncompensated
drift
in
conventional
capacitive sensors.
A low threshold is used to detect the
proximity of an object, with a higher
threshold for touch detection.
Dynamic Calibration is performed when a
TOUCH condition is detected for longer
than tDYCAL. The hysteresis algorithm will
now check for the release condition of the
touch, while still tracking environmental
changes
1.3 Applicability
All specifications, except where specifically
mentioned
otherwise,
provided
by
this
datasheet are applicable to the following
ranges:
Temperature:-40C to +85C
Supply voltage (V
DDHI): 1.8V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com