Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4515BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4515BC
Description  4-Bit Latched/4-to-16 Line Decoders
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4515BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4515BC Datasheet HTML 1Page - National Semiconductor (TI) CD4515BC Datasheet HTML 2Page - National Semiconductor (TI) CD4515BC Datasheet HTML 3Page - National Semiconductor (TI) CD4515BC Datasheet HTML 4Page - National Semiconductor (TI) CD4515BC Datasheet HTML 5Page - National Semiconductor (TI) CD4515BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5994
February 1988
CD4514BMCD4514BC CD4515BMCD4515BC
4-Bit Latched4-to-16 Line Decoders
General Description
The CD4514B and CD4515B are 4-to-16 line decoders with
latched inputs implemented with complementary MOS
(CMOS) circuits constructed with N- and P-channel en-
hancement mode transistors These circuits are primarily
used in decoding applications where low power dissipation
andor high noise immunity is required
The CD4514B (output active high option) presents a logical
‘‘1’’ at the selected output whereas the CD4515B presents
a logical ‘‘0’’ at the selected output The input latches are
R – S type flip-flops which hold the last input data presented
prior to the strobe transition from ‘‘1’’ to ‘‘0’’ This input data
is decoded and the corresponding output is activated An
output inhibit line is also available
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2
compatibility
driving 74L
Y
Low quiescent power dissipation
0025 mWpackage
50 VDC
Y
Single supply operation
Y
Input impedance e 1012X typically
Y
Plug-in replacement for MC14514 MC14515
Logic and Connection Diagrams
TLF5994 – 1
Dual-In-Line Package
TLF5994 – 2
Top View
Order Number CD4514B or CD4515B
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4515BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4515BC FAIRCHILD-CD4515BC Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
CD4515BCN FAIRCHILD-CD4515BCN Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
CD4515BCN FAIRCHILD-CD4515BCN Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
SYC Electronica
CD4515BCN SYC-CD4515BCN Datasheet
121Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4515BCWM FAIRCHILD-CD4515BCWM Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
More results

Similar Description - CD4515BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
4-Line to 16-Line Decoders/Demultiplexers
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
July 14, 2006
logo
Texas Instruments
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
Cmos 4-Bit Latch/4-to-16 Line Decoders
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com