Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3554 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 24Page - Texas Instruments LM3554 Datasheet HTML 25Page - Texas Instruments LM3554 Datasheet HTML 26Page - Texas Instruments LM3554 Datasheet HTML 27Page - Texas Instruments LM3554 Datasheet HTML 28Page - Texas Instruments LM3554 Datasheet HTML 29Page - Texas Instruments LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
N/A
Bit 7
Bit 6
MSB
LSB
VIN Monitor Register
Register Address 0x80
N/A
Enable
N/A
N/A
N/A
Threshold
Threshold
VIN
VIN
VIN
Monitor
28
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 8. GPIO Register Bit Settings
Bit 7 (Not
Used)
Bit 6 (NTC
External Flag)
Bit 5
(ENVM/TX2/GP
IO2 data)
Bit 4
(ENVM/TX2/GP
IO2 data
direction)
Bit 3
(ENVM/TX2/GP
IO2 Control)
Bit 2
(TX1/TORCH/G
PIO1 data)
Bit 1
(TX1/TORCH/G
PIO1 data
direction)
Bit 0
(TX1/TORCH/G
PIO1 Control)
Reads Back 1
0 = NTC
External Flag
mode is
disabled
(default)
This bit is the
read or write
data for the
ENVM/TX2/GPI
O2 pin in GPIO
mode (default
is 0)
0 =
ENVM/TX2/GPI
O2 is a GPIO
Input (default)
0 =
ENVM/TX2/GPI
O2 is
configured
according to
the
Configuration
Register bit 5
(default)
This bit is the
read or write
data for the
TX1/TORCH/G
PIO1 pin in
GPIO mode
(default is 0)
0 =
TX1/TORCH/G
PIO1 is a GPIO
input (default)
0 =
TX1/TORCH/G
PIO1 pin is
configured as
an active low
reset input
(default)
1 = When
ENVM/TX2/GPI
O2 is
configured as a
GPIO output
the
ENVM/TX2/GPI
O2 pin pulls low
when the LED
Thermal Fault
Flag is set
1 =
ENVM/TX2/GPI
O2 is a GPIO
Output
1 =
ENVM/TX2/GPI
O2 is
configured as a
GPIO
1 =
TX!/TORCH/GP
IO1 is an
output
1 =
TX1/TORCH/G
PIO1 pin is
configured as a
GPIO
7.6.1.8 VIN Monitor Register
The VIN Monitor Register controls the on/off state of the VIN Monitor comparator as well as selects the 4
programmable thresholds. and Table 9 describe the bit settings of the VIN Monitor feature.
VIN Monitor Register Description
Table 9. VIN Monitor Register Bit Settings
Bit 7 (Not
used)
Bit 6 (Not
used)
Bit 5 (Not
used)
Bit 4 (Not
used)
Bit 3 (Not used)
Bit 2 (VIN
Threshold)
Bit 1 (VIN
Threshold)
Bit 0 (VIN
Monitor Enable)
Reads Back 1
Reads Back 1
Reads Back 1
Reads Back 1
Reads Back '0'
00 = 3.1-V threshold (VIN falling)
Default
01=3.2-V threshold (VIN falling)
10 = 3.3-V threshold (VIN falling)
11 = 3.4-V threshold (VIN falling)
0 = VIN
Monitoring
Comparator is
disabled
(default)
1 = VIN
Monitoring
Comparator is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com