Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3554TMX/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Not
Used
Bit 7
Bit 6
MSB
LSB
GPIO Register
Register Address 0x20
NTC
External
Flag
Data
Data
Direction
Data
Data
Direction
TX1/TORCH/
GPIO1
ENVM/
TX2/GPIO2
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
N/A
Bit 7
Bit 6
MSB
LSB
Configuration Register 2
Register Address 0xF0
N/A
AET
Mode
NTC
Shutdown
TX2
Shutdown
VIN Monitor
Mode
N/A
N/A
27
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.6.1.6 Configuration Register 2
Configuration Register 2 contains the bits to select if TX2, NTC, and the VIN monitor force torch mode or force
the flash LEDs into shutdown. Additionally, bit [2] (AET bit) selects the AET mode (see and Table 7).
Configuration Register 2 Description
Table 7. Configuration Register 2 Bit Settings
Bit 7 (Not
used)
Bit 6 (Not
used)
Bit 5 (Not
used)
Bit 4 (Not
used)
Bit 3 (VIN
Monitor
Shutdown)
Bit 2 (AET
mode)
Bit 1
(NTC
Shutdown)
Bit 0
(TX2
Shutdown)
Reads Back 1
Reads Back 1
Reads Back 1
Reads Back 1
0 = If IN drops
below the
programmed
threshold and
the VIN Monitor
feature is
enabled, the
LED's are
forced into
Torch mode
(default)
0 = Normal
operation for
TX1/TORCH
high before
STROBE (TX1
mode only)
default
0 = LEDI/NTC
pin going below
VTRIP forces the
LEDs into
Torch mode
(NTC mode
only) default
0 = TX2 event
forces the
LEDs into
Torch mode
(TX2 mode
only) default
1 = If IN drops
below the
programmed
threshold and
the VIN Monitor
feature is
enabled, the
LED's turn off
1 = Alternative
External Torch
operation.
TX1/TORCH
high before
STROBE
forces Torch
mode with no
timeout (TX1
mode only)
1 = LEDI/NTC
pin going below
VTRIP forces the
LEDs into
shutdown (NTC
mode only)
1 = TX2 event
forces the
LEDs into
shutdown (TX2
mode only)
7.6.1.7 GPIO Register
The GPIO register contains the control bits which change the state of the TX1/TORCH/GPIO1 pin and the
ENVM/TX2/GPIO2 pin to general purpose I/O’s (GPIO’s). Additionally, bit[6] of this register configures the
ENVM/TX2/GPIO2 as a hardware interrupt output reflecting the NTC flag bit in the Flags Register. and Table 8
describe the bit description and functionality of the GPIO register.
GPIO Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com