Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109ASD Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5109ASD
Description  High Voltage 1A Peak Half Bridge Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5109ASD Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5109ASD Datasheet HTML 5Page - Texas Instruments LM5109ASD Datasheet HTML 6Page - Texas Instruments LM5109ASD Datasheet HTML 7Page - Texas Instruments LM5109ASD Datasheet HTML 8Page - Texas Instruments LM5109ASD Datasheet HTML 9Page - Texas Instruments LM5109ASD Datasheet HTML 10Page - Texas Instruments LM5109ASD Datasheet HTML 11Page - Texas Instruments LM5109ASD Datasheet HTML 12Page - Texas Instruments LM5109ASD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
LM5109A
www.ti.com
SNVS412B – APRIL 2006 – REVISED MARCH 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 HS Transient Voltages Below Ground
The HS node will always be clamped by the body diode of the lower external FET. In some situations, board
resistances and inductances can cause the HS node to transiently swing several volts below ground. The HS
node can swing below ground provided:
1. HS must always be at a lower potential than HO. Pulling HO more than –0.3V below HS can activate
parasitic transistors resulting in excessive current flow from the HB supply, possibly resulting in damage to
the IC. The same relationship is true with LO and VSS. If necessary, a Schottky diode can be placed
externally between HO and HS or LO and GND to protect the IC from this type of transient. The diode must
be placed as close to the IC pins as possible in order to be effective.
2. HB to HS operating voltage should be 15V or less. Hence, if the HS pin transient voltage is –5V, VDD should
be ideally limited to 10V to keep HB to HS below 15V.
3. Low ESR bypass capacitors from HB to HS and from VDD to VSS are essential for proper operation. The
capacitor should be located at the leads of the IC to minimize series inductance. The peak currents from LO
and HO can be quite large. Any series inductances with the bypass capacitor will cause voltage ringing at the
leads of the IC which must be avoided for reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com