Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMA-252LN Datasheet(PDF) 1 Page - Mini-Circuits

Part # CMA-252LN
Description  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-252LN Datasheet(HTML) 1 Page - Mini-Circuits

  CMA-252LN Datasheet HTML 1Page - Mini-Circuits CMA-252LN Datasheet HTML 2Page - Mini-Circuits CMA-252LN Datasheet HTML 3Page - Mini-Circuits CMA-252LN Datasheet HTML 4Page - Mini-Circuits CMA-252LN Datasheet HTML 5Page - Mini-Circuits CMA-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra Low Noise, High IP3
Monolithic Amplifier
Page 1 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Overview
Mini-Circuits CMA-252LN+ is a E-PHEMT based Ultra-Low Noise MMIC Amplifier with a unique combina-
tions of low noise and high IP3 making this amplifier ideal for sensitive high dynamic range receiver ap-
plications. This design operates on a single 3 to 4V supply. The MMIC amplifier is bonded to a multilayer
integrated LTCC substrate and then hermetically sealed under a controlled nitrogen atmosphere with gold-
plated covers and eutectic AuSn solder. These amplifiers have been tested to MIL requirements for gross
leak, fine leak, thermal shock, vibration, acceleration, mechanical shock, and HTOL.
Key Features
50Ω
1.5 to 2.5 GHz
The Big Deal
CASE STYLE: DL1721
CMA-252LN+
Feature
Advantages
Ultra Low Noise, 0.8 dB at 1.8 GHz
Excellent noise figure performance. Increases signal to noise ratio.
High IP3, +29 dBm at 1.8 GHz
Combining Low Noise and High IP3 makes this MMIC amplifier ideal for use in Low
Noise Receiver Front End (RFE) as it gives the user advantages at both ends of the
dynamic range: sensitivity & two-tone IM performance.
Adjustable Current
Provides users ability to set current consumption over a wide range from 25 to 80 mA.
Ceramic Hermetic Package
Low inductance, repeatable performance, excellent reliability
Max Input Power, +27 dBm
Ruggedized design operates up to high input powers often seen at Receiver inputs
eliminating the need for an external limiter.
High Reliability
Low, small signal operating current of 57 mA nominal maintains junction temperatures
typically below 100°C at 85°C ground lead temperature.


Similar Part No. - CMA-252LN

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-26-1804 TELEDYNE-CMA-26-1804 Datasheet
892Kb / 2P
Amplifier 18 GHz - 26 GHz
CMA-26-1806 TELEDYNE-CMA-26-1806 Datasheet
892Kb / 2P
Amplifier 18 GHz - 26 GHz
CMA-26-1808 TELEDYNE-CMA-26-1808 Datasheet
889Kb / 2P
Amplifier 18 GHz - 26 GHz
More results

Similar Description - CMA-252LN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com