Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF6900 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF6900
Description  SINGLE-CHIP RF TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6900 Datasheet(HTML) 1 Page - Texas Instruments

  TRF6900 Datasheet HTML 1Page - Texas Instruments TRF6900 Datasheet HTML 2Page - Texas Instruments TRF6900 Datasheet HTML 3Page - Texas Instruments TRF6900 Datasheet HTML 4Page - Texas Instruments TRF6900 Datasheet HTML 5Page - Texas Instruments TRF6900 Datasheet HTML 6Page - Texas Instruments TRF6900 Datasheet HTML 7Page - Texas Instruments TRF6900 Datasheet HTML 8Page - Texas Instruments TRF6900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TRF6900
SINGLE-CHIP RF TRANSCEIVER
SLAS213C – SEPTEMBER 1999 – REVISED MAY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip RF Transceiver for 868 MHz
and 915 MHz ISM Bands
D 850 MHz to 950 MHz Operation
D FM/FSK Operation for Transmit and
Receive
D 24-Bit Direct Digital Synthesizer (DDS) With
11-Bit DAC
D On-Chip VCO and PLL
D On-Chip Reference Oscillator
D Minimal External Components Required
D Low Power Consumption
D Typical Output Power of 4.5 dBm
D Typical Output Frequency Resolution of
230 Hz
D Ultrafast Lock Times From DDS
Implementation
D Two Fully Programmable Operational
Modes
D 2.2 V to 3.6 V Operation
D Fast Radio Strength Signal Indicator (RSSI)
D Flexible Serial Interface to TI MSP430
Microcontroller
D 48-Pin Low Profile Plastic Quad Flat
Package (PQFP)
14 15
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PQFP PACKAGE
(TOP VIEW)
LNA_GND
LNA_IN
LNA_GND
PA_VCC
PA_OUT
PA_GND
PLL_GND
PD_SET
PD_OUT2
PD_OUT1
LOCKDET
PLL_VCC
DEM_VCC
DEM_TANK
DEM_TANK
RSSI_OUT
AMP_IN
AMP_CAP
AMP_OUT
S&H_CAP
DATA_OUT
DATA
CLOCK
STROBE
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TRF6900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
TRF6900APT TI-TRF6900APT Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
TRF6900APTR TI-TRF6900APTR Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
TRF6900APTRG4 TI1-TRF6900APTRG4 Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
More results

Similar Description - TRF6900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
Single chip 433MHz RF Transceiver
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
SINGLE-CHIP RF TRANSCEIVER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
SINGLE CHIP RF TRANSCEIVER
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
Single-chip 2.4GHz RF Transceiver
logo
Texas Instruments
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com