Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6672-250EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD6672-250EBZ
Description  IF Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672-250EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6672-250EBZ Datasheet HTML 9Page - Analog Devices AD6672-250EBZ Datasheet HTML 10Page - Analog Devices AD6672-250EBZ Datasheet HTML 11Page - Analog Devices AD6672-250EBZ Datasheet HTML 12Page - Analog Devices AD6672-250EBZ Datasheet HTML 13Page - Analog Devices AD6672-250EBZ Datasheet HTML 14Page - Analog Devices AD6672-250EBZ Datasheet HTML 15Page - Analog Devices AD6672-250EBZ Datasheet HTML 16Page - Analog Devices AD6672-250EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
AD6672
120
100
80
60
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 10. Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz, fS = 250 MSPS
100
95
90
85
80
75
70
65
60
FREQUENCY (MHz)
SFDR (dBFS)
SNR (dBc)
Figure 11. Single-Tone SNR/SFDR vs. Input Frequency (fIN), fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBFS)
IMD3 (dBc)
Figure 12. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–90.0
–78.5
–67.0
–55.5
–44.0
–32.5
–21.0
–9.5
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBFS)
IMD3 (dBc)
Figure 13. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
70
80
90
110
100
120
FREQUENCY (Hz)
250MSPS
89.12MHz @ –7.0dBFS
92.12MHz @ –7.0dBFS
SFDR = 87dBc (94dBFS)
Figure 14. Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
70
80
90
110
100
120
FREQUENCY (Hz)
250MSPS
184.12MHz @ –7.0dBFS
187.12MHz @ –7.0dBFS
SFDR = 86dBc (93dBFS)
Figure 15. Two-Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
Rev. C | Page 13 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com