Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8285 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8285 Datasheet HTML 15Page - Analog Devices AD8285 Datasheet HTML 16Page - Analog Devices AD8285 Datasheet HTML 17Page - Analog Devices AD8285 Datasheet HTML 18Page - Analog Devices AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
AD8283
Rev. C | Page 19 of 27
SERIAL PERIPHERAL INTERFACE (SPI)
The AD8283 serial port interface allows the user to configure
the signal chain for specific functions or operations through a
structured register space provided inside the chip. This offers
the user added flexibility and customization depending on the
application. Addresses are accessed via the serial port and can
be written to or read from via the port. Memory is organized
into bytes that can be further divided into fields, as documented
in the Memory Map section. Detailed operational information
can be found in the Analog Devices, Inc., AN-877 Application
Note, Interfacing to High Speed ADCs via SPI.
There are three pins that define the serial port interface, or SPI.
They are the SCLK, SDIO, and CS pins. The SCLK (serial clock)
is used to synchronize the read and write data presented to the
device. The SDIO (serial data input/output) is a dual-purpose
pin that allows data to be sent to and read from the device’s
internal memory map registers. The CS (chip select bar) is an
active low control that enables or disables the read and write
cycles (see Table 7).
Table 7. Serial Port Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input. SCLK is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. A dual-purposepin. Thetypical
role for this pinis as an input or output, depending on
the instruction sent and the relative positionin the
timingframe.
CS
Chip select bar (active low). This control gates the read
and write cycles.
The falling edge of the CS in conjunction with the rising edge of
the SCLK determines the start of the framing sequence. During an
instruction phase, a 16-bit instruction is transmitted, followed by
one or more data bytes, which is determined by Bit Field W0 and
Bit Field W1. An example of the serial timing and its definitions
can be found in Figure 32 and Table 8.
In normal operation, CS is used to signal to the device that SPI
commands are to be received and processed. When CS is brought
low, the device processes SCLK and SDIO toprocess instructions.
Normally, CS remains low until the communication cycle is
complete. However, if connected to a slow device, CS can be
brought high between bytes, allowing older microcontrollers
enough time to transfer data into shift registers. CS can be stalled
when transferring one, two, or three bytes of data. When W0 and
W1 are set to 11, the device enters streaming mode and continues
to process data, either reading or writing, until CS is taken high
to end the communication cycle. This allows complete memory
transfers without having to provide additional instructions.
Regardless of the mode, if CS is taken high in the middle of any
byte transfer, the SPI state machine is reset and the device waits
for a new instruction.
In addition to the operation modes, the SPI port can be
configured to operate in different manners. For applications
that do not require a control port, the CS line can be tied and
held high. This places the remainder of the SPI pins in their
secondary mode as defined in the SDIO Pin and SCLK Pin
sections. CS can also be tied low to enable 2-wire mode. When
CS is tied low, SCLK and SDIO are the only pins required for
communication. Although the device is synchronized during
power-up, caution must be exercised when using this mode to
ensure that the serial port remains synchronized with the CS
line. When operating in 2-wire mode, it is recommended to use
a 1-, 2-, or 3-byte transfer exclusively. Without an active CS
line, streaming mode can be entered but not exited.
In addition to word length, the instruction phase determines if
the serial frame is a read or write operation, allowing the serial
port to be used to both program the chip and read the contents
of the on-chip memory. If the instruction is a readback operation,
performing a readback causes the serial datainput/output (SDIO)
pin to change direction from an input to an output at the
appropriate point in the serial frame.
Data can be sent in MSB- or LSB-first mode. MSB-first mode
is the default at power-up and can be changed by adjusting the
configuration register. For more information about this and
other features, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 7 constitute the physical interface
between the user’s programming device and the serial port of
the AD8283. The SCLK and CS pins function as inputs when
using the SPI interface. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during readback.
This interface is flexible enough to be controlled by either serial
PROMS or PIC microcontrollers. This provides the user with
an alternative method, other than a full SPI controller, for
programming the device (see the AN-812 Application Note).
If the user chooses not to use the SPI interface, these pins serve
a dual function and are associated with secondary functions
when the CS is strapped to AVDD during device power-up. See
the SDIO Pin and SCLK Pin sections for details on which pin-
strappable functions are supported on the SPI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com