Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8451ASTZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8451ASTZ Datasheet HTML 21Page - Analog Devices AD8451ASTZ Datasheet HTML 22Page - Analog Devices AD8451ASTZ Datasheet HTML 23Page - Analog Devices AD8451ASTZ Datasheet HTML 24Page - Analog Devices AD8451ASTZ Datasheet HTML 25Page - Analog Devices AD8451ASTZ Datasheet HTML 26Page - Analog Devices AD8451ASTZ Datasheet HTML 27Page - Analog Devices AD8451ASTZ Datasheet HTML 28Page - Analog Devices AD8451ASTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD8451
Step 4: Determine the Control Voltage for the CC Loop
and the Shunt Resistor
The relationship between the control voltage for the CC loop
(the voltage at the ISET pin), the target battery current, and the
IA gain is as follows:
CC Battery Target Current =
S
ISET
S
IA
ISET
R
V
R
G
V
×
=
×
26
The voltage across the shunt resistor is as follows:
Shunt Resistor Voltage =
26
ISET
IA
ISET
V
G
V
=
For target current of 1 A, choosing a 20 mΩ shunt resistor
results in a control voltage of 4 V.
When selecting a shunt resistor, consider the resistor style and
construction. For low power dissipation applications, many
temperature stable SMD styles can be soldered to a heat sink
pad on a printed circuit board (PCB). For optimum accuracy,
choose a shunt resistor that provides force and sense terminals.
In these resistors, the battery current flows through the force
terminals and the voltage drop in the resistor is read at the sense
terminals.
Step 5: Choose the Control Voltage Sources
The input control voltages (the voltages at the ISET and VSET
pins) can be generated by an analog voltage source such as a
voltage reference or by a DAC. In both cases, select a device that
provides a stable, low noise output voltage. If a DAC is preferred,
Analog Devices offers a wide range of precision converters. For
example, the AD5668 16-bit DAC provides up to eight 0 V to
4 V sources when connected to an external 2 V reference.
To maximize accuracy, the control voltage sources must be
referenced to the same potential as the outputs of the IA and
DA. For example, if the IA and DA reference pins are connected
to AGND, connect the reference pins of the control voltage
sources to AGND.
Step 6: Select the Compensation Devices
Feedback controlled switching power converters require
frequency compensation to guarantee loop stability. There are
many references available about how to design the compensation
for such power converters. The AD8451 provides active loop
filter error amplifiers for the CC and CV control loops that
can implement proportional integrator (PI), PD, and PID
compensators using external passive components.
Rev. 0 | Page 25 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com