Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9993BBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 46Page - Analog Devices AD9993BBCZ Datasheet HTML 47Page - Analog Devices AD9993BBCZ Datasheet HTML 48Page - Analog Devices AD9993BBCZ Datasheet HTML 49Page - Analog Devices AD9993BBCZ Datasheet HTML 50Page - Analog Devices AD9993BBCZ Datasheet HTML 51Page - Analog Devices AD9993BBCZ Datasheet HTML 52Page - Analog Devices AD9993BBCZ Datasheet HTML 53Page - Analog Devices AD9993BBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
AD9993
Data Sheet
Rev. A | Page 50 of 56
INTERRUPT PIN CONTROL REGISTER
Address: 0x055, Reset: 0x00, Name: IRQ_CTRL
Table 59. Bit Descriptions for IRQ_CTRL
Bits
Bit Name
Description
Reset
Access
0
ALERT_PULLUP_EN
Interrupt (alarm) pin pull-up enable.
0x0
RW
DDS CONTROL REGISTER
Address: 0x060, Reset: 0x00, Name: DDS_CTRL
Table 60. Bit Descriptions for DDS_CTRL
Bits
Bit Name
Description
Reset
Access
6
DDS_1DB_DIS
Disable the −1 db attenuation on both DDS tone outputs.
0x0
RW
[3:2]
DDS_ATTEN
Amplitude attenuation.
0x0
RW
00 = ×1/1 amplitude.
01 = ×1/2 amplitude.
10 = ×1/4 amplitude.
11 = ×1/8 amplitude.
1
DDS_CLK_INV
DDS clock invert bit.
0x0
RW
0 = normal. DDS clock not inverted.
1 = DDS clock inverted.
0
DDS_EN
Enable DDS Tone 1 output.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com