Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9993BBCZRL Datasheet(PDF) 17 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 13Page - Analog Devices AD9993BBCZRL Datasheet HTML 14Page - Analog Devices AD9993BBCZRL Datasheet HTML 15Page - Analog Devices AD9993BBCZRL Datasheet HTML 16Page - Analog Devices AD9993BBCZRL Datasheet HTML 17Page - Analog Devices AD9993BBCZRL Datasheet HTML 18Page - Analog Devices AD9993BBCZRL Datasheet HTML 19Page - Analog Devices AD9993BBCZRL Datasheet HTML 20Page - Analog Devices AD9993BBCZRL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 17 of 56
SPI CONFIGURATION PROGRAMMING
The SPI_CONFIG register controls AD9993 SPI interface
operation. By default, the SPI bus operates MSB first. In MSB
fist mode, the register address counter decrements automati-
cally during multiple byte reads or writes. The SPI bus can be
configured to run LSB first by setting the SPI_LSB_FIRSTx bits
to 1. During LSB first multiple register read or write operations,
the register address counter is incremented automatically. SPI
registers can be reset to their Reset values by setting the self
clearing SPI_SOFT_RESETx bits to 1.
REGISTER UPDATE TRANSFER METHOD
Changes to the writeable SPI registers labeled transfer in Table 10
do not take effect immediately when written to the device via
the SPI. Values are held in a shadow register set until the self
clearing CHIP_REGMAP_TRANSFER bit in the DEVICE_
UPDATE register is set. All changes to transfer register values
then take effect simultaneously.
ADC REGISTER UPDATE INDEXING
In addition to the register transfer mechanism, the POWER_
MODES and FLEX_OUTPUT_MODE registers have an
indexing mechanism. Each of the four ADC cores has its own
page containing these registers. These pages can be
programmed independently or simultaneously in any
combination. ADC core register sets are addressed for a
particular register map master/slave transfer by setting the
SPI_ADC_x_INDEX bits in the DEVICE_INDEX register.
Register data is transferred to the ADC core pages that have
these bits set when the next transfer occurs.
ADCs
The MxFE ADCs are multistage pipelined CMOS ADC cores
designed for use in communications receivers.
ADC ARCHITECTURE
The AD9993 architecture consists of a dual front-end sample-
and-hold circuit, followed by a pipelined switched capacitor
ADC. The quantized outputs from each stage are combined into
a final 14-bit result.
The input stage of each ADC core contains a differential
sampling circuit that can be ac- or dc-coupled in differential or
single-ended modes.
Input Common-Mode Voltage (VCM) References
The analog inputs of the AD9993 are not internally dc biased.
In ac-coupled applications, the user must provide this bias
externally. Setting the device so that VCM = 0.5 × AVDD (or
0.9 V) is recommended for optimum performance. Four
on-board common-mode voltage references are included in the
design, one for each AD9993 ADC, and are available from the
A_CML, B_CML, C_CML, and D_CML pins. Using these
common-mode voltage outputs to set the input common mode
of each ADC is recommended. Optimum performance is
achieved when the common-mode voltage of the analog input is
set by the on-chip common mode references. The A_CML,
B_CML, C_CML, and D_CML pins must be decoupled to
ground by a 0.1 μF capacitor.
ADC SECTION PROGRAMMING
Each of the four ADCs ha
s its power mode programmed by
the indexed ADC_PDWN_MODE bit field of the POWER_
MODES register (see the ADC Register Update Indexing
section). At reset, all four ADC cores are in power-down mode.
ADC digital data output modes are programmed by the indexed
FLEX_OUTPUT_MODE register (see the ADC Register Update
Indexing section). Setting the DP_OUT_DATA_EN_N bit to 0
enables the data output of each ADC selected in the DEVICE_
INDEX register. At reset, ADC output data is disabled. Setting
the DP_OUT_DATA_INV bit to 1 inverts the data output from
selected ADCs. The DP_OUT_DFS bit field selects the output
code for each selected ADC, offset binary (twos complement with
the sine bit inverted), twos complement (reset value), or gray code.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9993 is a differential switched
capacitor circuit that has been designed for optimum
performance while processing a differential input signal.
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 22. To bias the
analog input, the VCM voltage can be connected to the center tap
of the secondary winding of the transformer.
Figure 22. Differential Transformer-Coupled Configuration
Differential double balun coupling is used as the input
configuration for AD9993 ADC performance characterization
(see Figure 23). In this configuration, the input is ac-coupled and
the VCM voltage is provided to each input through a 33 Ω resistor.
These resistors compensate for losses in the input baluns to
provide a 50 Ω impedance to the driver.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
x_VINP
x_VINN x_CML
C2
R2
R3
R2
C2
R3
0.1µF
33Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com