Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA8282CP-EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADA8282CP-EBZ
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 11Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 12Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 13Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 14Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 15Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 16Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 17Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 18Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 15 of 21
MULTIPLEXING INPUTS USING MULTIPLE
ADA8282 DEVICES
It is possible to multiplex eight differential inputs down to four
differential outputs by using two ADA8282 devices. The devices
can be connected such that the outputs are connected (see
Figure 29) as long as only one device is enabled at a time. When
an ADA8282 is disabled, the outputs present a 6 kΩ load on the
output bus.
24
+OUTA
23
–OUTA
22
+OUTB
21
–OUTB
20
+OUTC
19
–OUTC
18
+OUTD
17
–OUTD
1
2
3
4
5
6
7
8
+INA
–INA
+INB
–INB
+INC
–INC
+IND
–IND
ADA8282
EPAD TIED
TO GROUND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
INPUT A
SOURCE
INPUT B
SOURCE
INPUT C
SOURCE
INPUT D
SOURCE
0.1µF
0.1µF
0.1µF
0.1µF
+3.3V
+3.3V
+3.3V
GPIO: +3.3V/0V
+3.3V
10kΩ
SPI BUS
24
+OUTA
23
–OUTA
22
+OUTB
21
–OUTB
20
+OUTC
19
–OUTC
18
+OUTD
17
–OUTD
1
2
3
4
5
6
7
8
+INA
–INA
+INB
–INB
+INC
–INC
+IND
–IND
ADA8282
EPAD TIED
TO GROUND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
INPUT E
SOURCE
INPUT F
SOURCE
INPUT G
SOURCE
INPUT H
SOURCE
0.1µF
0.1µF
0.1µF
0.1µF
+3.3V
+3.3V
+3.3V
GPIO: +3.3V/0V
+3.3V
10kΩ
SPI BUS
TO ADC
TO ADC
TO ADC
TO ADC
Figure 29. Multiplexing by Connecting Two ADA8282 Outputs to One Output Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com