Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5248F Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5248F
Description  User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5248F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5248F Datasheet HTML 9Page - Analog Devices ADG5248F Datasheet HTML 10Page - Analog Devices ADG5248F Datasheet HTML 11Page - Analog Devices ADG5248F Datasheet HTML 12Page - Analog Devices ADG5248F Datasheet HTML 13Page - Analog Devices ADG5248F Datasheet HTML 14Page - Analog Devices ADG5248F Datasheet HTML 15Page - Analog Devices ADG5248F Datasheet HTML 16Page - Analog Devices ADG5248F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Data Sheet
ADG5248F/ADG5249F
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
−48 V to +0.3 V
POSFV to GND
−0.3 V to VDD + 0.3 V
NEGFV to GND
VSS − 0.3 V to + 0.3 V
Sx Pins
−55 V to +55 V
Sx to VDD or VSS
80 V
VS to VD
80 V
D or Dx Pins1
NEGFV − 0.7 V to POSFV +
0.7 V or 30 mA, whichever
occurs first
Digital Inputs
GND − 0.7 V to 48 V or
30 mA, whichever occurs first
Peak Current, Sx, D, or Dx Pins
72.5 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, Sx, D, or Dx
Pins
Data2 + 15%
Digital Outputs
GND − 0.7 V to 6 V or 30 mA,
whichever occurs first
D or Dx Pins, Overvoltage State,
Load Current
1 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA (4-Layer
Board)
112.6°C/W
Reflow Soldering Peak
Temperature, Pb-Free
As per JEDEC J-STD-020
1
Overvoltages at the D or Dx pins are clamped by internal diodes. Limit the
current to the maximum ratings given.
2
See Table 5.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION
Rev. 0 | Page 13 of 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com