Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC258C5 Datasheet(PDF) 4 Page - NEC

Part # UPC258C5
Description  Bipolar Analog Integrated Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC258C5 Datasheet(HTML) 4 Page - NEC

  UPC258C5 Datasheet HTML 1Page - NEC UPC258C5 Datasheet HTML 2Page - NEC UPC258C5 Datasheet HTML 3Page - NEC UPC258C5 Datasheet HTML 4Page - NEC UPC258C5 Datasheet HTML 5Page - NEC UPC258C5 Datasheet HTML 6Page - NEC UPC258C5 Datasheet HTML 7Page - NEC UPC258C5 Datasheet HTML 8Page - NEC UPC258C5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPC258,4558
4
データ・シート G10518JJ9V0DS00
図1 雑音測定回路
図2 チャネル・セパレーション測定回路
50 Ω
1 kΩ
−15 V
−
+
1 kΩ
100 kΩ
+15 V
オシロスコープ
VO
VN =
VO
2000
50 kΩ
−
+
50 Ω
VO2
−
+
10 kΩ
10 kΩ
VO1
チャネル・セパレーション
= 20・log(   ・   )
1
1000
VO2
VO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com