Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5 Datasheet(PDF) 2 Page - Cyrustek corporation

Part # ES5
Description  True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5 Datasheet(HTML) 2 Page - Cyrustek corporation

  ES5 Datasheet HTML 1Page - Cyrustek corporation ES5 Datasheet HTML 2Page - Cyrustek corporation ES5 Datasheet HTML 3Page - Cyrustek corporation ES5 Datasheet HTML 4Page - Cyrustek corporation ES5 Datasheet HTML 5Page - Cyrustek corporation ES5 Datasheet HTML 6Page - Cyrustek corporation ES5 Datasheet HTML 7Page - Cyrustek corporation ES5 Datasheet HTML 8Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver 1.1
14/10/21
2
ES5
True RMS-to-DC Converter
Pin Description
Pin No
Symbol
Type
Description
1
BUFF IN
I
Buffer Input
2
NC
-
No Connection
3
COMMON
G
Analog Common
4
OUTPUT OFFSET
O
Output Offset
5
CS
I
Chip Select
6
DEN INPUT
I
Denominator Input
7
NC
-
No Connection
8
CAV
I/O
Averaging Capacitor Connection
9
RMS OUT
O
RMS Output
10
-Vs
P
Negative Supply Rail
11
+Vs
P
Positive Supply Rail
12
NC
-
No Connection
13
VIN
I
Signal input
14
BUFF OUT
O
Buffer Output
Absolute Maximum Ratings
Supply Voltage:Dual Supplies ......…………………………………………….... ±6V
Single Supply ..………………………………….……...……..... +12V
Input Voltage:………………………………………………………….…………+Vs
Power Dissipation (Package) SOIC:………………………………….……….. 450mW
Operating Temperature Range:…………………… ……………….. -40℃ to +85℃
Storage Temperature Range:………………………………………… -55℃ to +150℃
Lead Temperature (Soldering, 10sec):…………………………………………... 300℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com