Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICPLM601 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # ICPLM601
Description  High speed 10Mbit/s
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLM601 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  ICPLM601 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLM601 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 24/02/2016
ICPLM600, ICPLM601, ICPLM611
ISOCOM
COMPONENTS
DC93193
Truth Table (Positive Logic)
ELECTRICAL CHARACTERISTICS (TA = -40°C to 85°C unless otherwise specified)
INPUT
OUTPUT
COUPLED
* Typical values at TA = 25°C
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
Forward Voltage
VF
IF = 10mA
1.45
1.8
V
Reverse Voltage
VR
IR = 10µA, TA = 25°C
5.0
V
Temperature Coefficient
of VF
ΔVF/ΔTA
IF = 10mA
-1.9
mV/°C
Input Capacitance
CIN
VF = 0V, f = 1MHz
70
pF
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
High Level
Supply Current
ICCH
IF = 0mA, VCC = 5.5V
6.0
9
mA
Low Level
Supply Current
ICCL
IF = 10mA, VCC = 5.5V
7.5
10
mA
Input
Output
H
L
L
H
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
High Level
Output Current
IOH
VCC = 5.5V, VO = 5.5V
IF = 250μA
2.1
30
μA
Low Level
Output Voltage
VOL
VCC = 5.5V, IF = 5mA,
IOL = 13mA
0.4
0.6
V
Input Threshold Current
IFT
VCC = 5.5V, VO = 0.6V,
IOL = 13mA
2.4
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com