Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4276
Description  Low-Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4276 Datasheet HTML 4Page - Infineon Technologies AG TLE4276 Datasheet HTML 5Page - Infineon Technologies AG TLE4276 Datasheet HTML 6Page - Infineon Technologies AG TLE4276 Datasheet HTML 7Page - Infineon Technologies AG TLE4276 Datasheet HTML 8Page - Infineon Technologies AG TLE4276 Datasheet HTML 9Page - Infineon Technologies AG TLE4276 Datasheet HTML 10Page - Infineon Technologies AG TLE4276 Datasheet HTML 11Page - Infineon Technologies AG TLE4276 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLE 4276
Data Sheet Version 2.2
8
2000-10-11
Current
consumption;
I
q = II – IQ
I
q
–
15
25
mA
I
Q = 400 mA
1
Drop voltage1)
V
DR
–
250
500
mV
V50, V85, V10
I
Q = 250 mA
V
DR = VI – VQ
1
Drop voltage1)
V
DR
–
250
500
mV
variable devices
I
Q = 250 mA
V
I >4.5 V
V
DR = VI – VQ
1
Load regulation
αV
Q,Lo
–
535
mV
I
Q =5 mA to
400 mA
1
Line regulation
αV
Q,Li
–
15
25
mV
αV
l =12 V to 32V
I
Q =5 mA
1
Power supply
ripple rejection
PSRR
–
54
–
dB
f
r =100 Hz;
V
r =0.5 VSS
1
Temperature
output voltage
drift
dV
Q/
dT
–
0.5
––
–
mV/K
Inhibit
Inhibit on
voltage
V
INH
–
23.5
V
V
Q
∫ 4.9 V
1
Inhibit off
voltage
V
INH
0.5
1.7
–
V
V
Q
® 0.1 V
1
Input current
I
INH
510
20
←A
V
INH =5 V
1
1) Measured when the output voltage V
Q has dropped 100 mV from the nominal value obtained at VI =13.5 V.
Characteristics (cont’d)
V
I = 13.5 V;
– 40
C< T
j < 150
C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Measuring
Condition
Measuring
Circuit
min. typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com