Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049G Datasheet(PDF) 57 Page - Texas Instruments

Part # SWCS049G
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049G Datasheet(HTML) 57 Page - Texas Instruments

Back Button SWCS049G Datasheet HTML 53Page - Texas Instruments SWCS049G Datasheet HTML 54Page - Texas Instruments SWCS049G Datasheet HTML 55Page - Texas Instruments SWCS049G Datasheet HTML 56Page - Texas Instruments SWCS049G Datasheet HTML 57Page - Texas Instruments SWCS049G Datasheet HTML 58Page - Texas Instruments SWCS049G Datasheet HTML 59Page - Texas Instruments SWCS049G Datasheet HTML 60Page - Texas Instruments SWCS049G Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 119 page
background image
3
6
4
59
0
1
58
2
Seconds
59
0
1
58
2
Hours
3
4
Hours
59
0
1
Seconds
Compensation event
Compensation event
SWCS046-016
57
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-4. RTC Registers Example (continued)
Register
Value
HOURS_REG
0x90
DAYS_REG
0x05
MONTHS_REG
0x09
YEARS_REG
0x08
The user can round to the closest minute, by setting the ROUND_30S register bit. TC values are set to
the closest minute value at the next second. The ROUND_30S bit is automatically cleared when the
rounding time is performed.
Example:
If current time is 10H59M45S, a round operation changes time to 11H00M00S.
If current time is 10H59M29S, a round operation changes time to 10H59M00S.
6.7.2
General Registers
Software can access the RTC_STATUS_REG and RTC_CTRL_REG registers at any time (except for the
RTC_CTRL_REG[5] bit, which must be changed only when the RTC is stopped).
6.7.3
Compensation Registers
The RTC_COMP_MSB_REG and RTC_COMP_LSB_REG registers must respect the available access
period. These registers must be updated before each compensation process. For example, software can
load the compensation value into these registers after each hour event, during an available access period.
Figure 6-6. RTC Compensation Scheduling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com