Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4726 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4726
Description  2-Phase Stepper-Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4726 Datasheet HTML 1Page - Infineon Technologies AG TLE4726 Datasheet HTML 2Page - Infineon Technologies AG TLE4726 Datasheet HTML 3Page - Infineon Technologies AG TLE4726 Datasheet HTML 4Page - Infineon Technologies AG TLE4726 Datasheet HTML 5Page - Infineon Technologies AG TLE4726 Datasheet HTML 6Page - Infineon Technologies AG TLE4726 Datasheet HTML 7Page - Infineon Technologies AG TLE4726 Datasheet HTML 8Page - Infineon Technologies AG TLE4726 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLE 4726
Data Sheet
5
1999-09-15
Note: Stresses above those listed here may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Absolute Maximum Ratings
T
A = – 40 to 125 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
S
052
V
–
Logic supply voltage
V
L
0
6.5
V
Z-diode
Z-current of
V
L
I
L
–50
mA
–
Output current
I
Q
– 1
1
A
–
Ground current
I
GND
– 2
2
A
–
Logic inputs
V
Ixx
– 6
V
L +
0.3
V
I
XX ; Phase 1, 2;
Inhibit
R
1, R2, oscillator input voltage
V
RX,
V
OSC
– 0.3
V
L +
0.3
V–
Junction temperature
T
j
T
j
–
–
125
150
°C
°C
–
max. 10,000 h
Storage temperature
T
stg
– 50
125
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com