Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049K Datasheet(PDF) 58 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 58 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 54Page - Texas Instruments SWCS049K Datasheet HTML 55Page - Texas Instruments SWCS049K Datasheet HTML 56Page - Texas Instruments SWCS049K Datasheet HTML 57Page - Texas Instruments SWCS049K Datasheet HTML 58Page - Texas Instruments SWCS049K Datasheet HTML 59Page - Texas Instruments SWCS049K Datasheet HTML 60Page - Texas Instruments SWCS049K Datasheet HTML 61Page - Texas Instruments SWCS049K Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 119 page
background image
58
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
This drift can be balanced to compensate for any inaccuracy of the 32-kHz oscillator. Software must
calibrate the oscillator frequency, calculate the drift compensation versus 1-hour time period; and then
load the compensation registers with the drift compensation value. Indeed, if the AUTO_COMP_EN bit in
the RTC_CTRL_REG is enabled, the value of COMP_REG (in twos-complement) is added to the RTC
32-kHz counter at each hour and 1 second. When COMP_REG is added to the RTC 32-kHz counter, the
duration of the current second becomes (32768 – COMP_REG)/32768s; so, the RTC can be
compensated with a 1/32768 s/hour time unit accuracy.
NOTE
The compensation is considered once written into the registers.
6.8
Backup Battery Management
The device includes a backup battery switch connecting the VRTC regulator input to a main battery
(VCC7) or to a backup battery (VBACKUP), depending on the voltage value of the battery.
The VRTC supply can then be maintained during a BACKUP state as long as the input voltage is high
enough (> VBNPR threshold). Below the VBNPR voltage threshold, the digital core of the device is set
under reset by internal signal Power-on Reset (POR).
The backup domain functions which are always supplied from VRTC are:
The internal 32-kHz oscillator
Backup registers
The backup battery can be charged from the main battery through an embedded charger. The backup
battery charge voltage and enable is controlled through BBCH_REG register programming. This register
content is maintained during the device BACKUP state.
Hence, when enabled, the backup battery charge is maintained as long as the main battery voltage is
higher than the VMBLO threshold and the backup battery voltage.
6.9
Backup Registers
As part of the RTC, the device contains five 8-bit registers that can be used for storage by the application
firmware when the external host is powered down. These registers retain their content as long as the
VRTC is active.
6.10 I
2C Interface
A general-purpose serial control interface (CTL-I2C) allows read and write access to the configuration
registers of all resources of the system.
A second serial control interface (optional mode for EN1 and EN2 pins) can be dedicated to DVFS.
Both control interfaces are compliant with the HS-I2C specification.
These interfaces support the standard slave mode (100 Kbps), fast mode (400 Kbps), and high-speed
mode (3.4 Mbps). The general-purpose I2C module using one slave hard-coded address (ID1 = 2Dh). The
voltage scaling dedicated I2C module uses one slave hard-coded address (ID0 = 12h). The master mode
is not supported.
Addressing:
The device supports seven-bit mode addressing.
It does not support the following features:
10-bit addressing
General call



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com