Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049K Datasheet(PDF) 110 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 110 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 106Page - Texas Instruments SWCS049K Datasheet HTML 107Page - Texas Instruments SWCS049K Datasheet HTML 108Page - Texas Instruments SWCS049K Datasheet HTML 109Page - Texas Instruments SWCS049K Datasheet HTML 110Page - Texas Instruments SWCS049K Datasheet HTML 111Page - Texas Instruments SWCS049K Datasheet HTML 112Page - Texas Instruments SWCS049K Datasheet HTML 113Page - Texas Instruments SWCS049K Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 119 page
background image
110
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Device and Documentation Support
Copyright © 2010–2016, Texas Instruments Incorporated
Table 8-2. Detailed Revision History (continued)
Version
Literature Number
Date
Notes
(8)
TPS65911 Data Manual, SWCS049G - Version G:
Update Section 5.19, Section 5.20, Section 5.21, Section 5.22:
Update turn-on time
Update DC line regulation
Update Section 5.15
Update rated output current IOUTmax.
Update Section 5.16 and Section 5.17
Update rated output current IOUTmax.
Update DC line regulation
Update DC load regulation
Update Section 5.7
Update Related Open-Drain I/Os: GPIO2, GPIO7
Update Section 5.18
Add Supply Current, Internal Reference Voltage, Output discharge, Output drivers, Boot strap switch, Duty and frequency control,
softstart, current sense protection, UVLO, and thermal shutdown.
Remove DC line regulation, DC load regulation, Transient load regulation, Overshoot/undershoot, Rated output IOUTmax, and
Conversion efficiency.
Section 5.15 and Section 5.17 - Remove Iout = 1500 mA value
Table 6-1 - Update VIO, VDD1, VDD2, and VDDCtrl
Figure 1-1 - Update VIO, VDD1, and VDD2
(9)
TPS65911 Data Manual, SWCS049H - Version H:
Update Section 5.15
Update Rated output current description- add ILMAX bit configuration
Update PMOS current limit (high-side) description
Update NMOS current limit (high-side) description
Update Figure 5-2 - CLK32KOUT out pin name (fixed typo)
Update Figure 6-1
Update Table 6-35, VIO_REG - Update ILMAX description
Update Table 6-36, VDD1_REG - Update ILMAX and and TSTEP field numbers and VGAIN_SEL description
Update Table 6-39, VDD2_REG - Update VGAIN_SEL description; align bit field numbering
Update Table 6-43, VDDCRTL_OP_REG - Update SEL description
Update Table 6-44, VDDCRTL_SR_REG - Update SEL description
Update Table 5-2 - tdbPWRONF: PWRON falling-edge debouncing delay - Update unit of measure
Update Table 5-3 - Replace tACT2SLP by tACT2SLPCK32K
Update Figure 5-5 - Replace tdONVMBHI by tdONPWHOLD
Update Table 5-4 - Replace tdONVMBHI by tdONPWHOLD
Update Section 6.3.3.6 - Replace 100 µs by 100 ms
Update Table 6-56 - Add Bit 0,1, and 3 : TURN OFF RESET to the description
Update Table 6-57 - Add TSLOT_LENGTH: TURN OFF RESET to the description
Update Table 6-72 - Add footnote
(10) TPS65911 Data Manual, SWCS049I - Version I:
Update Section 5.1 - Add VDDIO
Update Section 5.3 - Add VDDIO
Update Section 5.6 - Remove PWRDN
Update Table 4-1 - Remove PD from PWRDN
(11) TPS65911 Data Manual, SWCS049J - Version J:
Update Section 5.3: Fix typo on HDRST pin
Update Section 6.13: Update full reset:
Full reset: All digital logic of device is reset.
Caused by POR (power on reset) when VCC7 < VBNPR and BB < VBNPR
(12) TPS65911 Data Manual, SWCS049K - Version K
Update Table 6-3 - Changed VMBCH_REG to EEPROM
(13) TPS65911 Data Manual, SWCS049L - Version L
Update Section 3.1 - Added TPS659116
(14) TPS65911 Data Manual, SWCS049M - Version M
Update Section 3.1 - Added TPS65911062
G
SWCS049G
October 2011
See (8).
H
SWCS049H
May 2012
See (9)
I
SWCS049I
June 2012
See (10)
J
SWCS049J
September 2012
See (11)
K
SWCS049K
December 2012
See (12)
L
SWCS049L
February 2014
See (13)
M
SWCS049M
May 2014
See (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com