Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049D Datasheet(PDF) 60 Page - Texas Instruments

Part # SWCS049D
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049D Datasheet(HTML) 60 Page - Texas Instruments

Back Button SWCS049D Datasheet HTML 56Page - Texas Instruments SWCS049D Datasheet HTML 57Page - Texas Instruments SWCS049D Datasheet HTML 58Page - Texas Instruments SWCS049D Datasheet HTML 59Page - Texas Instruments SWCS049D Datasheet HTML 60Page - Texas Instruments SWCS049D Datasheet HTML 61Page - Texas Instruments SWCS049D Datasheet HTML 62Page - Texas Instruments SWCS049D Datasheet HTML 63Page - Texas Instruments SWCS049D Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 119 page
background image
SWCS049-023
D
A
D
6
D
A
D
5
D
A
D
4
D
A
D
3
D
A
D
2
D
A
D
1
D
A
D
0
W
R
I
T
E
A
C
K
R
A
D
7
R
A
D
6
R
A
D
5
R
A
D
4
R
A
D
3
R
A
D
2
R
A
D
1
R
A
D
0
A
C
K
D
A
T
7
D
A
T
6
D
A
T
5
D
A
T
4
D
A
T
3
D
A
T
2
D
A
T
1
D
A
T
0
A
C
K
S
T
O
P
S
T
A
R
T
SDA
SCL
D
A
D
6
D
A
D
5
D
A
D
4
D
A
D
3
D
A
D
2
D
A
D
1
D
A
D
0
R
E
A
D
A
C
K
S
T
A
R
T
D
A
T
7
D
A
T
6
D
A
T
5
D
A
T
4
D
A
T
3
D
A
T
2
D
A
T
1
D
A
T
0
D
A
D
7
A
C
K
SWCS049-022
D
A
D
6
D
A
D
5
D
A
D
4
D
A
D
3
D
A
D
2
D
A
D
1
D
A
D
0
W
R
I
T
E
A
C
K
R
A
D
7
R
A
D
6
R
A
D
5
R
A
D
4
R
A
D
3
R
A
D
2
R
A
D
1
R
A
D
0
A
C
K
D
A
T
7
D
A
T
6
D
A
T
5
D
A
T
4
D
A
T
3
D
A
T
2
D
A
T
1
D
A
T
0
A
C
K
S
T
O
P
S
T
A
R
T
SDA
SCL
D
A
T
6
D
A
D
5
D
A
T
4
D
A
T
3
D
A
T
2
D
A
T
1
D
A
T
0
A
C
K
D
A
T
7
60
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 6-9. I2C Write Access Multiple Bytes
Figure 6-10. I2C Read Access Multiple Bytes
6.11 Thermal Monitoring and Shutdown
A thermal protection module monitors the junction temperature of the device versus two thresholds:
Hot-die temperature threshold
Thermal shutdown temperature threshold
When the hot-die temperature threshold is reached, an interrupt is sent to software to close the noncritical
running tasks.
When the thermal shutdown temperature threshold is reached, the TPS65911x device is set under reset
and a transition to OFF state is initiated. Then the POWER ON enable conditions of the device are not
considered until the die temperature has decreased below the hot-die threshold. Hysteresis is applied to
the hot-die and shutdown thresholds, when detecting a falling edge of temperature, and both detections
are debounced to avoid any parasitic detection.
The TPS65911x device allows programming of four hot-die temperature thresholds to increase the
flexibility of the system.
By default, the thermal protection is enabled in ACTIVE state, but can be disabled through programming
the THERM_REG register. The thermal protection can be enabled in SLEEP state programming the
SLEEP_KEEP_RES_ON register. The thermal protection is automatically enabled during an OFF-to-
ACTIVE state transition and is kept enabled in OFF state after a switch-off sequence caused by a thermal
shutdown event. Transition to OFF state sequence caused by a thermal shutdown event is highlighted in
the INT_STS_REG status register. Recovery from this OFF state is initiated (switch-on sequence) when
the die temperature falls below the hot-die temperature threshold.
Hot-die and thermal shutdown temperature threshold detection states can be monitored or masked by
reading or programming the THERM_REG register. The hot-die interrupt can be masked by programming
the INT_MSK_REG register.
6.12 Interrupts
Table 6-5. Interrupt Sources
Interrupt
Description
RTC_ALARM_IT
RTC alarm event: Occurs at programmed determinate date and time
(running in ACTIVE, OFF, and SLEEP state, default inactive)
RTC_PERIOD_IT
RTC periodic event: Occurs at programmed regular period of time (every second or minute)
(running in ACTIVE, OFF, and SLEEP state, default inactive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com