Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276DV Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4276DV
Description  Low-Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276DV Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4276DV Datasheet HTML 1Page - Infineon Technologies AG TLE4276DV Datasheet HTML 2Page - Infineon Technologies AG TLE4276DV Datasheet HTML 3Page - Infineon Technologies AG TLE4276DV Datasheet HTML 4Page - Infineon Technologies AG TLE4276DV Datasheet HTML 5Page - Infineon Technologies AG TLE4276DV Datasheet HTML 6Page - Infineon Technologies AG TLE4276DV Datasheet HTML 7Page - Infineon Technologies AG TLE4276DV Datasheet HTML 8Page - Infineon Technologies AG TLE4276DV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Low-Drop Voltage Regulator
TLE 4276
Data Sheet Version 2.2
1
2000-10-11
P-TO220-5-3
P-TO-220-5-43
P-TO 220-5-122
(TO-220 AB/5, Option E3122)
P-TO252-5-1
Features
• 5 V, 8.5 V, 10 V or variable output voltage
• Output voltage tolerance
® 4%
• 400 mA current capability
• Low-drop voltage
• Inhibit input
• Very low current consumption
• Short-circuit-proof
• Reverse polarity proof
• Suitable for use in automotive electronics
SMD = Surface Mounted Device
New type
Type
Ordering Code
Package
TLE 4276 V50
Q67000-A9262
P-TO220-5-3
TLE 4276 V85
Q67000-A9263
P-TO220-5-3
TLE 4276 V10
Q67000-A9264
P-TO220-5-3
TLE 4276 V
Q67000-A9265
P-TO220-5-3
TLE 4276 S V50
Q67000-A9267
P-TO220-5-43
TLE 4276 S V85
Q67000-A9269
P-TO220-5-43
TLE 4276 S V10
Q67000-A9271
P-TO220-5-43
TLE 4276 SV
Q67000-A9273
P-TO220-5-43
TLE 4276 G V50
Q67006-A9266
P-TO220-5-122
TLE 4276 G V85
Q67006-A9268
P-TO220-5-122
TLE 4276 G V10
Q67006-A9270
P-TO220-5-122
TLE 4276 GV
Q67006-A9272
P-TO220-5-122
 TLE 4276 D V50 Q67006-A9369 P-TO252-5-1
 TLE 4276 DV
Q67006-A9361
P-TO252-5-1


Similar Part No. - TLE4276DV

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276DV SIEMENS-TLE4276DV Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
TLE4276DV50 SIEMENS-TLE4276DV50 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
More results

Similar Description - TLE4276DV

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com