Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAM-3 Datasheet(PDF) 4 Page - Mini-Circuits

Part # VAM-3
Description  Monolithic Amplifier DC-2 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VAM-3 Datasheet(HTML) 4 Page - Mini-Circuits

  VAM-3 Datasheet HTML 1Page - Mini-Circuits VAM-3 Datasheet HTML 2Page - Mini-Circuits VAM-3 Datasheet HTML 3Page - Mini-Circuits VAM-3 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Monolithic MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 4
No. Test Required
Condition
Standard
Quantity
1
Visual Inspection
Low Power Microscope
Magnification 40x
MIP-IN-0003
(MCT spec)
45 units
2
Electrical Test
Room Temperature
SCD
(MCL spec)
45 units
3
SAM Analysis
Less than 10% growth in term of
delamination
J-Std-020C
(Jedec Standard)
45 units
4
Moisture Sensitivity
Level 1
Bake at 125°C for 24 hours
Soak at 85°C/85%RH for 168 hours
Reflow 3 cycles at 260°C peak
J-Std-020C
(Jedec Standard)
45 units
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart
Human Body Model (HBM): Class 1B (500 v to < 1000 v) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 ( < 100 v) in accordance with ANSI/ESD STM 5.2 - 1999
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDECJ-STD-020C
ESD Rating
VAM-3+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com