Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8903C Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8903C
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8903C Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8903C Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Advanced Power
Electronics Corp.
APE8903C
ABSOLUTE MAXIMUM RATINGS (Note1)
CNTL Supply Voltage (VCNTL) --------------------------- -0.3V To 6.5V
Input Supply Voltage (VIN) ------------------------------- -0.3V To 6.5V
EN & FB Pin Voltage (VEN/VFB) ------------------------- -0.3V To VCNTL+0.3V
Power Good Voltage (VPOK) ---------------------------- -0.3V To 6.5V
Power Dissipation (PD) ---------------------------------- 2.5W
Storage Temperature Range (TST) -------------------- -65°C To 150°C
Junction Temperature Range (TJ) --------------------- -40°C To 150°C
ESOP-8 -------
40°C/W
DFN 3x3-10L
62.5°C/W
Thermal Resistance Junction to Case (Rthjc)
Note
ESOP-8 -------
15°C/W
DFN 3x3-10L
17°C/W
Note. mounted on a Demo board
RECOMMENDED OPERATING CONDITIONS
Operating Junction Temperature Range (TOJ) ----- -40°C To 125°C
Operating Ambient Temperature Range (TOA) ----- -40°C To 85°C
VCNTL Supply Voltage (VCNTL) ------------------------- 3V To 6V
Input Supply Voltage (VIN) ------------------------------- 1.1V To 5.5V
Output Voltage (VOUT)@VCNTL > VOUT + 2.5V ------- 0.8V To 2.8V
Output Cunrrent (IOUT) ------------------------------------ 0A To 3A
PACKAGE/ORDERING INFORMATION
2
Thermal Resistance Junction to Ambient (Rthja)
Note.
( Top View)
1
2
3
4
8
7
6
5
NC
VOUT
ESOP-8
GND
FB
EN
POK
VIN
VCNTL
GND
( Top View )
1
2
3
4
8
7
6
DFN 3x3-10L
GND
5
9
10
VOUT
VOUT
VOUT
FB
POK
EN
VIN
VIN
VIN
VCNTL
Package Type
MP : ESOP-8
GN3 : DFN 3x3-10L
APE8903CX-X
EN Function
A : Internal Pull Low
B : Internal Pull High
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com