Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3203
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3203 Datasheet HTML 6Page - Sipex Corporation SP3203 Datasheet HTML 7Page - Sipex Corporation SP3203 Datasheet HTML 8Page - Sipex Corporation SP3203 Datasheet HTML 9Page - Sipex Corporation SP3203 Datasheet HTML 10Page - Sipex Corporation SP3203 Datasheet HTML 11Page - Sipex Corporation SP3203 Datasheet HTML 12Page - Sipex Corporation SP3203 Datasheet HTML 13Page - Sipex Corporation SP3203 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
12
ESD TOLERANCE
The SP3203 incorporates ruggedized ESD cells
on all driver output and receiver input pins.
The Human Body Model has been the generally
accepted ESD testing method for semiconductors.
This method is also specified in MIL-STD-883,
Method 3015.7 for ESD testing. The premise of
this ESD test is to simulate the human body’s
potential to store electro-static energy and
Figure 18. ESD Test Circuit for Human Body Model
R
RC
C
C
CSS
R
RSS
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
discharge it to an integrated circuit.
The
simulation is performed by using a test model as
shown in Figure 18. This method will test the
IC’s capability to withstand an ESD transient
during normal handling such as in manufacturing
areas where the ICs tend to be handled frequently.
For the Human Body Model, the current limiting
resistor (R
S) and the source capacitor (CS ) are
15k
Ω and 100pF, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com