Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203CY Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3203CY
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203CY Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3203CY Datasheet HTML 3Page - Sipex Corporation SP3203CY Datasheet HTML 4Page - Sipex Corporation SP3203CY Datasheet HTML 5Page - Sipex Corporation SP3203CY Datasheet HTML 6Page - Sipex Corporation SP3203CY Datasheet HTML 7Page - Sipex Corporation SP3203CY Datasheet HTML 8Page - Sipex Corporation SP3203CY Datasheet HTML 9Page - Sipex Corporation SP3203CY Datasheet HTML 10Page - Sipex Corporation SP3203CY Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
DESCRIPTION
The SP3203 is a 3-driver/2-receiver device that
can be operated as a full duplex, RS-232 serial
transceiver with the 3rd driver acting as a control
line allowing a Ring Indicator (RI) signal to alert
the UART on the PC.
This transceiver meet the EIA/TIA-232 and ITU-
T V.28/V.24 communication protocols and can
be implemented in battery-powered, portable, or
hand-held applications such as notebook or
palmtop computers, PDA's and cell phones. The
SP3203 devices feature Sipex's proprietary and
patented (U.S.
#5,306,954) on-board charge pump
circuitry that generates
±5.5V RS-232 voltage
levels from a single +3.0V to +5.5V power
supply. The SP3203 devices can operate at a
minimum data range of 250kbps, driving a single
driver.
The SP3203 is a 3-driver/2-receiver
device.
THEORY OF OPERATION
The SP3203 contains four basic circuit blocks:
1. drivers, 2. receivers, 3. a Sipex proprietary
charge pump and 4. VL circuitry.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to 5.0V EIA/
TIA-232 levels with an inverted sense relative to
the input logic levels. Typically, the RS-232
output voltage swing is +5.4V with no load and
+5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. These
drivers comply with the EIA-TIA-232F and all
previous RS-232 versions. The driver output
stages are turned off (High Impedance) when the
device is in shutdown mode.
The drivers typically can operate at a data rate
of 250Kbps. The drivers can guarantee a data
rate of 120Kbps fully loaded with 3K
Ω in
parallel with 1000pF, ensuring compatibility
with PC-to-PC communication software.
The slew rate of the driver output is internally
limited to a maximum of 30V/
µs in order to
meet the EIA standards (EIA RS-232D 2.1.7,
Paragraph 5).
The transition of the loaded
output from HIGH to LOW also meets the
monotonicity requirements of the standard.
The SP3203 driver can maintain high data rates
up to 250Kbps with a single driver loaded. Fig-
ure 9 shows a loopback test circuit used to test
the RS-232 Drivers. Figure 10 shows the test
results of the loopback circuit with all three
drivers active at 120Kbps with typical RS-232
loads in parallel with 1000pF capacitors. Figure
11 shows the test results where one driver was
active at 250Kbps and all three drivers loaded
with an RS-232 receiver in parallel with a 1000pF
capacitor. The transmitter inputs do not have
pull-up resistors.
Connect unused inputs to
ground or VL
Receivers
The receivers convert
±5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels.
Receivers are disabled when in shutdown. The
truth table logic of the SP3203 driver and re-
ceiver outputs can be found in Table 1.
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 500mV. This
ensures that the receiver is immune to noisy
transmission lines. Should an input be left un-
connected, an internal 5K
Ω pulldown resistor to
ground will commit the output of the receiver to
a HIGH state.
Charge Pump
The charge pump is a Sipex–patented design
(U.S. #5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical 5.5V
power supplies.
The internal power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com