Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVXO-41F/SC Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GVXO-41F/SC
Description  5V VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GVXO-41F/SC Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GVXO-41F/SC Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package:
14 pin DIL (full size)
8 pin DIL (half size)

Frequency range:
1.544 ~ 33.0MHz
1.544 ~ 30.0MHz
Voltage control:
+2.5V ±2.5V, 10% linearity

>100kΩ input impedance

Frequency pullability (min):
±80ppm

N
±150ppm

S
±200ppm

W
Frequency stability:
±100ppm

A
±50ppm

B
±25ppm

C
±20ppm

D
±15ppm

E
Ageing:
±5.0ppm max per year

Operating temperature range:
-10 to +70°C

-40 to +85°C

I
Storage temperature range:
-55 to +125°C

Supply voltage (VDD): +5.0V (±5%)

Supply current:
20mA max (<20.0MHz)

30mA max (20.0 ~ 33.0MHz)

Driving ability:
30pF HCMOS

5 LSTTL

Logic levels:
‘0’ level = +0.4V max

‘1’ level = 90%V
DD min

Waveform symmetry @ 50%VDD:
40:60 max

Rise / fall time:
6ns max (0.4V ~ 90%V
DD min)

5V VCXO
GVXO-41
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
2011/65/EU
12 Jul 2001
Standard. Optional - Please specify required code(s) when ordering
Features
5.0V supply
Low cost for volume applications
Choice of pullability & stability
Express deliveries for non-standard items
Industrial temperature range option
Product + variant + option codes + frequency
eg: GVXO-41F/SC 20.480MHz ±150ppm pullability, ±25ppm stability
Option codes must be included to specify a model
completely.
Option code X (eg GVXO-41F/X) denotes a custom spec.
Ordering Information
PIN
1
7
8
14
CONNECTION
Control voltage
Ground
Output
Supply
PIN
1
4
5
8
5.70
(max)
4.00
(min)
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.80
(max)
13.08
(max)
7.62
13.08
(max)
13.08
(max)
5.70
(max)
4.00
(min)
0.80
0.46Ø
7.62
14
85
Specifications
GVXO-41F:  Full size (14 pin DIL)
GVXO-41H:  Half size (8 pin DIL)
Option
Codes
F
H
Variant
Parameters
±15ppm and ±20ppm stability may not be available over -40+85°C,
depending on frequency. Check with our sales office.


Similar Part No. - GVXO-41F/SC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO-41F GOLLEDGE-GVXO-41F Datasheet
63Kb / 1P
5V VCXO
GVXO-41F GOLLEDGE-GVXO-41F Datasheet
550Kb / 4P
5V voltage controlled oscillator - 14 pin DIL package
More results

Similar Description - GVXO-41F/SC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO55 GOLLEDGE-GVXO55 Datasheet
62Kb / 1P
5V VCXO
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
GVXO36 GOLLEDGE-GVXO36 Datasheet
68Kb / 1P
5V VCXO High Frequency
GVXO41 GOLLEDGE-GVXO41 Datasheet
63Kb / 1P
5V VCXO
GVXO42 GOLLEDGE-GVXO42 Datasheet
61Kb / 1P
5V VCXO High Frequency
GVXO755 GOLLEDGE-GVXO755 Datasheet
94Kb / 2P
5V SM VCXO
GVXO-42F GOLLEDGE-GVXO-42F_16 Datasheet
136Kb / 1P
5V VCXO - High Frequency
GVXO-34S GOLLEDGE-GVXO-34S Datasheet
575Kb / 5P
5V VCXO - Complementary PECL
GVXO-36 GOLLEDGE-GVXO-36 Datasheet
563Kb / 4P
5V VCXO - High Frequency
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
5V High Performance VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com