Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220CT Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3220CT
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220CT Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3220CT Datasheet HTML 2Page - Sipex Corporation SP3220CT Datasheet HTML 3Page - Sipex Corporation SP3220CT Datasheet HTML 4Page - Sipex Corporation SP3220CT Datasheet HTML 5Page - Sipex Corporation SP3220CT Datasheet HTML 6Page - Sipex Corporation SP3220CT Datasheet HTML 7Page - Sipex Corporation SP3220CT Datasheet HTML 8Page - Sipex Corporation SP3220CT Datasheet HTML 9Page - Sipex Corporation SP3220CT Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev. 6/25/03
SP3220 True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
6
Figure 4. Pinout Configurations for the SP3220
V-
1
2
3
4
13
14
15
16
5
6
7
12
11
10
C1+
V+
C1-
C2+
C2-
R1IN
GND
VCC
T1OUT
No Connect
8
9
SP3220
T1IN
No Connect
R1OUT
EN
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com