Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3222 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3222
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222 Datasheet(HTML) 3 Page - Sipex Corporation

  SP3222 Datasheet HTML 1Page - Sipex Corporation SP3222 Datasheet HTML 2Page - Sipex Corporation SP3222 Datasheet HTML 3Page - Sipex Corporation SP3222 Datasheet HTML 4Page - Sipex Corporation SP3222 Datasheet HTML 5Page - Sipex Corporation SP3222 Datasheet HTML 6Page - Sipex Corporation SP3222 Datasheet HTML 7Page - Sipex Corporation SP3222 Datasheet HTML 8Page - Sipex Corporation SP3222 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Rev. 07/01/03
SP3222/3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
T
U
P
N
I
R
E
V
I
E
C
E
R
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I5
1
-5
1
+V
W
O
L
d
l
o
h
s
e
r
h
T
t
u
p
n
I6
.
0
8
.
0
2
.
1
5
.
1
VV
C
C
V
3
.
3
=
V
C
C
V
0
.
5
=
H
G
I
H
d
l
o
h
s
e
r
h
T
t
u
p
n
I5
.
1
8
.
1
4
.
2
4
.
2
VV
C
C
V
3
.
3
=
V
C
C
V
0
.
5
=
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I3
.
0V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I3
5
7
k
Ω
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
M
I
T
e
t
a
R
a
t
a
D
m
u
m
i
x
a
M0
2
15
3
2s
p
b
kR
L
k
3
=
Ω C
,
L
g
n
i
h
c
t
i
w
s
r
e
v
i
r
d
e
n
o
,
F
p
0
0
0
1
=
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
e
v
i
r
D0
.
1
0
.
1
µs
µs
t
L
H
P
R
,
L
K
3
=
Ω C
,
L
F
p
0
0
0
1
=
t
H
L
P
R
,
L
K
3
=
Ω C
,
L
F
p
0
0
0
1
=
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
e
v
i
e
c
e
R3
.
0
3
.
0
µst
L
H
P
C
,
T
U
O
x
R
o
t
N
I
x
R
,
L
F
p
0
5
1
=
t
H
L
P
C
,
T
U
O
x
R
o
t
N
I
x
R
,
L
F
p
0
5
1
=
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
n
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
r
e
v
i
e
c
e
R0
0
2s
n
w
e
k
S
r
e
v
i
r
D0
0
10
0
5s
nt
|
L
H
P
t
-
H
L
P
T
,
|
B
M
A
5
2
=
oC
w
e
k
S
r
e
v
i
e
c
e
R0
0
20
0
0
1s
nt
|
L
H
P
t
-
H
L
P
|
e
t
a
R
w
e
l
S
n
o
i
g
e
R
-
n
o
i
t
i
s
n
a
r
T0
3/
V
µsV
C
C
R
,
V
3
.
3
=
L
K
3
=
Ω T
,
B
M
A
5
2
=
o
,
C
V
0
.
3
+
o
t
V
0
.
3
-
m
o
r
f
n
e
k
a
t
s
t
n
e
m
e
r
u
s
a
e
m
V
0
.
3
-
o
t
V
0
.
3
+
r
o
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.0V with TAMB = TMIN to TMAX.
Typical Values apply at V
CC = +3.3V or +5.0V and TAMB = 25
oC.
NOTE 2: Driver input hysteresis is typically 250mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com