Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3223EU Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3223EU
Description  High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EU Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3223EU Datasheet HTML 9Page - Sipex Corporation SP3223EU Datasheet HTML 10Page - Sipex Corporation SP3223EU Datasheet HTML 11Page - Sipex Corporation SP3223EU Datasheet HTML 12Page - Sipex Corporation SP3223EU Datasheet HTML 13Page - Sipex Corporation SP3223EU Datasheet HTML 14Page - Sipex Corporation SP3223EU Datasheet HTML 15Page - Sipex Corporation SP3223EU Datasheet HTML 16Page - Sipex Corporation SP3223EU Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Date: 06/28/04
SP3223EU/3243EU +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
13
Since both V+ and V– are separately generated
from V
CC, in a no–load condition V
+ and V– will
be symmetrical. Older charge pump approaches
that generate V– from V+ will show a decrease in
the magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
Figure 20. AUTO ON-LINE® Timing Waveforms
The clock rate for the charge pump typically
operates at 250kHz. The external capacitors can
be as low as 0.1
µF with a 16V breakdown
voltage rating.
RECEIVER
RS-232 INPUT
VOLTAGES
STATUS
+5V
0V
-5V
tSTSL
tSTSH
tONLINE
VCC
0V
DRIVER
RS-232 OUTPUT
VOLTAGES
0V
+2.7V
-2.7V
S
H
U
T
D
O
W
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com