Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3232BEN Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3232BEN
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232BEN Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3232BEN Datasheet HTML 10Page - Sipex Corporation SP3232BEN Datasheet HTML 11Page - Sipex Corporation SP3232BEN Datasheet HTML 12Page - Sipex Corporation SP3232BEN Datasheet HTML 13Page - Sipex Corporation SP3232BEN Datasheet HTML 14Page - Sipex Corporation SP3232BEN Datasheet HTML 15Page - Sipex Corporation SP3232BEN Datasheet HTML 16Page - Sipex Corporation SP3232BEN Datasheet HTML 17Page - Sipex Corporation SP3232BEN Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Rev. 6/30/03
SP3222B/3232B True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
Gage
Plane
1.0 OIA
e
0.169 (4.30)
0.177 (4.50)
0.252 BSC (6.4 BSC)
0’-8’ 12’REF
0.039 (1.0)
e/2
0.039 (1.0)
0.126 BSC (3.2 BSC)
D
0.007 (0.19)
0.012 (0.30)
0.033 (0.85)
0.037 (0.95)
0.002 (0.05)
0.006 (0.15)
0.043 (1.10) Max
(θ3)
1.0 REF
0.020 (0.50)
0.026 (0.75)
(θ1)
0.004 (0.09) Min
0.004 (0.09) Min
0.010 (0.25)
(θ2)
0.008 (0.20)
DIMENSIONS
in inches (mm) Minimum/Maximum
Symbol
14 Lead
16 Lead
20 Lead
24 Lead
28 Lead
38 Lead
D
0.193/0.201
0.193/0.201 0.252/0.260 0.303/0.311 0.378/0.386 0.378/0.386
(4.90/5.10)
(4.90/5.10)
(6.40/6.60)
(7.70/7.90)
(9.60/9.80)
(9.60/9.80)
e
0.026 BSC
0.026 BSC
0.026 BSC
0.026 BSC
0.026 BSC
0.020 BSC
(0.65 BSC)
(0.65 BSC)
(0.65 BSC)
(0.65 BSC)
(0.65 BSC)
(0.50 BSC)
PACKAGE: PLASTIC THIN
SMALL OUTLINE
(TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com