Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP385A Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP385A
Description  3V to 5V RS-232 Line Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385A Datasheet(HTML) 6 Page - Sipex Corporation

  SP385A Datasheet HTML 1Page - Sipex Corporation SP385A Datasheet HTML 2Page - Sipex Corporation SP385A Datasheet HTML 3Page - Sipex Corporation SP385A Datasheet HTML 4Page - Sipex Corporation SP385A Datasheet HTML 5Page - Sipex Corporation SP385A Datasheet HTML 6Page - Sipex Corporation SP385A Datasheet HTML 7Page - Sipex Corporation SP385A Datasheet HTML 8Page - Sipex Corporation SP385A Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SP385ADS/05
SP385A Line Driver/Receiver
© Copyright 2000 Sipex Corporation
6
Charge Pump
The charge pump section of the these devices
allows the circuit to operate from a single +5V
±10% power supply by generating the required
operating voltages internal to the devices. The
charge pump consists of two sections — 1) a
voltage doubler and 2) a voltage inverter.
As shown in Figure 1, an internal oscillator trig-
gers the charge accumulation and voltage inver-
sion. The voltage doubler momentarily stores a
charge on capacitor C
1 equal to Vcc, referenced to
ground. During the next transition of the oscillator
this charge is boot-strapped to transfer charge to
capacitor C
3. The voltage across C3 is now from
V
cc to V
+.
In the inverter section (Figure 2), the voltage
across C
3 is transferred to C2 forcing a range of 0V
to V+ across C
2. Boot-strapping of C2 will then
transfer charge to C
4 to genrate V
-.
One of the significant enhancements over previ-
ous products of this type is that the values of the
capacitors are no longer critical and have been
decreased in size considerably to 0.1
µF. Because
the charge pump runs at a higher frequency, the
0.1
µF capacitors are sufficient to transfer and
sustain charges to the two transmitters.
APPLICATION HINTS
Protection From Shorts to
±15V
The driver outputs are protected against shorts
to ground, other driver outputs, and V+ or V-. If
the possibility exists that the outputs could be
inadvertently connected to voltages higher than
±15V, then it is recommended that external
protection be provided. For protection against
voltages exceeding
±15V,twoback-to-backzener
diodes connected from each output to ground will
clamp the outputs to an acceptable voltage level.
Shutdown (ON/OFF)
The SP385A has a shut-down/standby mode to
conserve power in battery-powered systems. To
activate the shutdown mode, which stops the op-
eration of the charge pump, a logic “0” is applied
to the appropriate control line. The shutdown
mode is controlled on the SP385A by a logic “0”
on the ON/OFF control line (pin 18 for the SOIC
and pin 20 for the SSOP packages); this puts the
transmitter outputs in a tri–state mode.
Figure 1. Charge Pump Voltage Doubler
Figure 2. Charge Pump Voltage Inverter
S1
GND
V
CC
+
V+ = 2V
CC
+
V
CC
S2
S3
S4
C1
C3
INTERNAL
OSCILLATOR
S1
FROM
VOLTAGE DOUBLER
V+
+
V- = -(V+)
+
S2
S3
S4
C2
C4
INTERNAL
OSCILLATOR
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com