Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02015 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M02015
Description  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02015
16
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
2.0 Pad Definitions
Table 2-1.
Pad Description
Die Pad No
Name
Function
1
AGC
Monitor or force AGC voltage
2VCC
Power pin. Connect to most positive supply
3
PINK
Common PIN input. Connect to photo diode cathode and a 470 pF capacitor to Gnd(1)
4
PINA
Active PIN input. Connect to photo diode anode
5VCC
Power pin. Connect to most positive supply (only one VCC pad needs to be connected)
6
MON
Analog current source output. Current matched to average photodiode current
7
DOUT
Differential data output (goes low as light increases)
8DOUTGND
Ground return for DOUT pad (2)
9
GND
Ground pin. Connect to the most negative supply (2)
10
GND
Ground pin. Connect to the most negative supply (2)
11
DOUTGND
Ground return for DOUT pad (2)
12
DOUT
Differential data output (goes high as light increases)
NA
Backside
Backside. Connect to the lowest potential, usually ground
NOTES:
1.
Alternatively the photodiode cathode may be connected to a decoupled positive supply, e.g. VCC.
2.
All ground pads are common on the die. Only one ground pad needs to be connected to the TO-Can ground. However, connecting more than one ground
pad to the TO-Can ground, particularly those across the die from each other can improve performance in noisy environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com