Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP385E Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP385E
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385E Datasheet(HTML) 4 Page - Sipex Corporation

  SP385E Datasheet HTML 1Page - Sipex Corporation SP385E Datasheet HTML 2Page - Sipex Corporation SP385E Datasheet HTML 3Page - Sipex Corporation SP385E Datasheet HTML 4Page - Sipex Corporation SP385E Datasheet HTML 5Page - Sipex Corporation SP385E Datasheet HTML 6Page - Sipex Corporation SP385E Datasheet HTML 7Page - Sipex Corporation SP385E Datasheet HTML 8Page - Sipex Corporation SP385E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev. 10/22/01
SP385E Enhanced +3V to +5V RS-232 Line Driver/Receiver
© Copyright 2001 Sipex Corporation
4
R2
10
9
R IN
R OUT
2
R1
13
14
R IN
R OUT
1
T2
11
8
T IN
2
T OUT
2
T1
12
15
T IN
1
T OUT
1
16
GND
400k
Ω
400k
Ω
4
2
C +
C -
1
1
7
17
V
CC
V+
+
+
1.0
µF
6.3V
+5V to +10V
Voltage Doubler
+5V INPUT
3
V-
2
1
5k
Ω
0.1
µF
16V
5k
Ω
6
5
C +
C -
2
2
+
1.0
µF
16V
+10V to -10V
Voltage Inverter
10
µF
SP311E
+
18
ON/OFF
+
0.1
µF
16V
SOIC Package
PINOUT
TYPICAL OPERATING CIRCUIT
R2
12
9
R IN
R OUT
2
R1
15
16
R IN
R OUT
1
T2
13
8
T IN
2
T OUT
2
T1
14
17
T IN
1
T OUT
1
18
GND
400k
Ω
400k
Ω
4
2
C +
C -
1
1
7
19
V
CC
V+
+
+
1.0
µF
6.3V
+5V to +10V
Voltage Doubler
+5V INPUT
3
V-
2
1
5k
Ω
0.1
µF
16V
5k
Ω
6
5
C +
C -
2
2
+
1.0
µF
16V
+10V to -10V
Voltage Inverter
10
µF
SP311E
+
20
ON/OFF
+
0.1
µF
16V
SSOP Package
SP385E
SP385E
ON/OFF
V
GND
T OUT
R IN
R OUT
T IN
T IN
R OUT
N/C
N/C
C +
V+
C -
C +
C -
V-
T OUT
R IN
N/C
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
1
CC
2
2
2
1
2
2
1
1
1
2
ON/OFF
V
GND
T OUT
R IN
R OUT
T IN
T IN
R OUT
N/C
C +
V+
C -
C +
C -
V-
T OUT
R IN
2
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
1
1
CC
2
2
2
1
2
2
1
1
1
18-pin SOIC
20-pin SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com