Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP385ECT Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP385ECT
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385ECT Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP385ECT Datasheet HTML 3Page - Sipex Corporation SP385ECT Datasheet HTML 4Page - Sipex Corporation SP385ECT Datasheet HTML 5Page - Sipex Corporation SP385ECT Datasheet HTML 6Page - Sipex Corporation SP385ECT Datasheet HTML 7Page - Sipex Corporation SP385ECT Datasheet HTML 8Page - Sipex Corporation SP385ECT Datasheet HTML 9Page - Sipex Corporation SP385ECT Datasheet HTML 10Page - Sipex Corporation SP385ECT Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev. 10/22/01
SP385E Enhanced +3V to +5V RS-232 Line Driver/Receiver
© Copyright 2001 Sipex Corporation
11
ORDERING INFORMATION
Model ....................................................................................... Temperature Range ................................................................................ Package
SP385ECA ..................................................................................... 0
°C to +70°C ............................................................................... 20–pin SSOP
SP385EEA ................................................................................... –40
°C to +85°C ............................................................................. 20–pin SSOP
SP385ECT ..................................................................................... 0
°C to +70°C ................................................................................ 18–pin SOIC
SP385EET ................................................................................... –40
°C to +85°C .............................................................................. 18–pin SOIC
CT and ET packages available Tape–on–Reel. Please consult the factory for pricing and availability for this option, and for parts screened to
MIL–STD–883.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com