Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243EBCY/TR Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3243EBCY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EBCY/TR Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3243EBCY/TR Datasheet HTML 15Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 16Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 17Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 18Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 19Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 20Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 21Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 22Page - Sipex Corporation SP3243EBCY/TR Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
DEVICE PIN
HUMAN BODY
IEC1000-4-2
TESTED
MODEL
Air Discharge
Direct Contact
Level
Driver Outputs
±15kV
±15kV
±8kV
4
Receiver Inputs
±15kV
±15kV
±8kV
4
R
RS
S and
and R
RV
V add up to 330
add up to 330Ω
Ω ffor IEC1000-4-2.
or IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
Contact-Discharge Module
R
RVV
R
RC
C
C
CSS
R
RSS
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
The circuit model in Figures 29 and 30 represent
the typical ESD testing circuit used for all three
methods. The CS is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
For the Human Body Model, the current limiting
resistor (RS) and the source capacitor (CS) are
1.5k
Ω an 100pF, respectively. For IEC-1000-4-
2, the current limiting resistor (RS) and the source
capacitor (CS) are 330Ω an 150pF, respectively.
The higher CS value and lower RS value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capacitor
injects a higher voltage to the test point when
SW2 is switched on. The lower current limiting
resistor increases the current charge onto the test
point.
Figure 32. ESD Test Waveform for IEC1000-4-2
t=0ns
t=30ns
0A
15A
30A
t
➙
Figure 31. ESD Test Circuit for IEC1000-4-2
Table 4. Transceiver ESD Tolerance Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com